Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA2008-AF10A Arkusz danych(PDF) 2 Page - Rohm

Numer części KA2008-AF10A
Szczegółowy opis  For Facsimiles 3.3V to 5V Printing Voltage(A Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

KA2008-AF10A Arkusz danych(HTML) 2 Page - Rohm

  KA2008-AF10A_07 Datasheet HTML 1Page - Rohm KA2008-AF10A_07 Datasheet HTML 2Page - Rohm KA2008-AF10A_07 Datasheet HTML 3Page - Rohm KA2008-AF10A_07 Datasheet HTML 4Page - Rohm KA2008-AF10A_07 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KA2008-AF10A
Printheads
Rev.A
2/4
Equivalent circuit
Pin assignments
CONNECTOR B
No.
1
2
3
4
5
6
7
8
9
Circuit
CONNECTOR A
No.
1
2
3
4
5
6
7
8
9
Circuit
GND
GND
TM
VDD
STB4
STB3
DI
VH
VH
VH
VH
TM
CLK
LAT
STB2
STB1
GND
GND
VH
GND
THERMISTOR
30kΩ B:3950K
DOT #1
DOT #1728
/STB3
/STB4
CONNECTOR B
1728
1297
1296
865
864
433
432
1
CONNECTOR A
SHIFT RESISTER
/LAT
DI
CLK
VH
GND
/STB2
/STB1
Vdd
TM
TM
LATCH RESISTER
VH: 24 SUPPLY
/STB: STROBE (HIGH ACTIVE)
/LAT:LATCH
CLK: CLOCK
DI: DATA IN
GND: GROUND
TM: THERMISTOR
8,9
1,2
5
8,9
6
7
1,2
7
4
3
4
3
5
6


Podobny numer części - KA2008-AF10A_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
KA2008-AF10A ROHM-KA2008-AF10A Datasheet
55Kb / 5P
   Thick film thermal printhead (8dots / mm)
More results

Podobny opis - KA2008-AF10A_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
   Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Unisonic Technologies
UTCU584 UTC-UTCU584 Datasheet
686Kb / 6P
   3~8 AMP 5V TO 3.3V VOLTAGE CONVERSION REGULATOR
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Maxim Integrated Produc...
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
   3.3V and 5V Output-Voltage Application
Rev 1; 7/17
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com