Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA-301EL Arkusz danych(PDF) 1 Page - Rohm

Numer części LA-301EL
Szczegółowy opis  Single Digit LED Numeric Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LA-301EL Arkusz danych(HTML) 1 Page - Rohm

  LA-301EL Datasheet HTML 1Page - Rohm LA-301EL Datasheet HTML 2Page - Rohm LA-301EL Datasheet HTML 3Page - Rohm LA-301EL Datasheet HTML 4Page - Rohm LA-301EL Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LA-301 B / L Series
LED displays
Rev.C
1/4
Single Digit LED Numeric Display
LA-301 B / L Series
LA-301 B / L series is developed because of the demand
for small single digit LED Numeric Display. Materials of
emission are GaAsP on GaP, AlGalnP, GaP and GaN.
This is the height of a letter 8mm, single digit LED
Numeric Display that is packed by epoxy resin.
Features
1) The height of a letter is 8mm.
2) The light don’t leak from the segment in spite of the
small package.
3) The package of surface color is black. Color of
segment is colored in emitting color. (Blue color is only
milky white)
4) Each color has anode common and cathode common
respectively.
Dimensions (Unit : mm)
10˚
7.0
0.25 0
+0.1
φ0.8
(5.3)
4.0
1.0
Tolerance are
±0.3 unless otherwise noted:
Selection guide
Anode
Cathode
Emitting color
Common
Red
LA-301VB
LA-301VL
Red
(High brightness)
LA-301AB
LA-301AL
Orange
(High brightness)
LA-301EB
LA-301EL
Yellow
(High brightness)
LA-301XB
LA-301XL
Green
LA-301MB
LA-301ML
Blue
LA-301BB
LA-301BL
Pin assignments
Pin No.
1
+
2
+
3
+
4
+
5
10
9
8
7
6
+
+
+
+
+
+
a
g
d
f
b
ec
D.P
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "a"
Segment "f"
Segment "g"
Segment "e"
Segment "d"
D.P Cathode
D.P Anode
Segment "c"
Common
Segment "b"
Equivalent circuit (anode common)
(cathode common)
COM
9
7
a
1
b
10
c
8
d
5
e
4
f
2
g
3
D.P
6
COM
9
7
a
1
b
10
c
8
d
5
e
4
f
2
g
3
D.P
6


Podobny numer części - LA-301EL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LA-301EL ROHM-LA-301EL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results

Podobny opis - LA-301EL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com