Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM1202A05BE Arkusz danych(PDF) 3 Page - C&K Components

Numer części KM1202A05BE
Szczegółowy opis  Subminiature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CK-COMPONENTS [C&K Components]
Strona internetowa  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KM1202A05BE Arkusz danych(HTML) 3 Page - C&K Components

  KM1202A05BE Datasheet HTML 1Page - C&K Components KM1202A05BE Datasheet HTML 2Page - C&K Components KM1202A05BE Datasheet HTML 3Page - C&K Components KM1202A05BE Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A-69
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
KM Series
Subminiature Pushbutton Switches
BUSHING/ MOUNTING STYLE
TERMINATIONS
CONTACT MATERIAL
SEAL
PANEL MOUNTING
PC MOUNTING
08 RIGHT ANGLE, PC THRU-HOLE
A
RIGHT ANGLE
E
EPOXY SEAL
NONE
NO SEAL
05 .110" QUICK CONNECT
02 PC THRU-HOLE
RR
1/4-40 THREAD, .225" HIGH
KM11 & KM33 models only.
KM12 models only.
KM12 models only.
KM12 models only.
KM11 models only.
KM11 models only.
KM11 & KM33 models.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate.
2 STATIONARY CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
MOVABLE CONTACT: Phosphor bronze or beryllium copper, silver plated.
3 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate
over silver plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate over silver plate.
NOTE: Any models supplied with Q or B contact material are RoHS compliant.
KM11, KM12 models
when ordered with ‘Q’ contact material.
YES
YES
YES
YES
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
RATINGS
CONTACT AND TERMINAL MATERIAL
OPTION
CODE
B
Q
GOLD 1
SILVER 2
POWER
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
0.25 AMPS @ 125 V AC OR DC (KM11, KM12) (UL)
1 AMP @ 125 V AC OR 28 V DC (KM33).


Podobny numer części - KM1202A05BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
KM1202A05BE ITT-KM1202A05BE Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
More results

Podobny opis - KM1202A05BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com