Zakładka z wyszukiwarką danych komponentów |
|
LCSP00SA20AC Arkusz danych(PDF) 3 Page - C&K Components |
|
LCSP00SA20AC Arkusz danych(HTML) 3 Page - C&K Components |
3 / 4 page E D B C 11.9 0.2 ref. B C D E 19.4 7.15 ref. 25.50 13.2 ref 33.3 20.95 ref. 40.7 28.35 ref. 18.6 6.1 ref. E D C 17.2 4.4 ref. D E C 17.4 5.05 ref. 55.9 43.55 ref. 7.5 ACTUATOR OPTION CODE AB C D E DIFF. MOTION (MAX) OPERATING FORCE (MIN) RELEASE FORCE (MIN) LENGTH OF LEVER OVER TRAVEL (MIN) PRE TRAVEL (MAX) OPERATING POSITION FREE POSITION (MAX) 150 203 150 203 150 203 P00 button 0.6 1.2 8.4 ± .3 9.9 0.2 150 203 50 T00 11.9 0.6 3.2 8.8 ± .9 11.1 0.5 98 21 T05 17.40 0.9 4.3 8.8 ± 1.1 12 0.6 73 82 14 16 T07 19.40 1 4.8 8.8 ± 1.2 12.4 0.7 55 66 11 13 T13 25.5 1.6 6.3 8.8 ±1.6 13.5 0.9 29 54 6 11 T19 33.3 T28 40.7 2.1 10.1 8.8 ± 2.6 16.3 2.3 1.4 33 39 1 8 T43 55.9 2.9 13.8 8.8 ± 3.5 19.1 3.6 2.0 23 33 1 7 S26 18.6 1 4.6 10.7 ±1.2 14.1 42 68 7 14 A05 17.20 0.9 4.3 14.5 ±1.1 17.7 0.6 60 72 12 15 1.95 8.0 8.8 ±2.0 15.0 1.75 0.95 0.2 0.5 0.6 0.7 0.9 1.75 0.65 0.6 66 32 40 5 2 30 10 grams grams grams grams grams grams Grams Grams mm mm mm mm mm mm LCS Series Subminiature Sealed Snap-acting Switches ACTUATOR P00 T19 T07 A05 T00 T28 T13 S26 T05 T43 J J–28 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com |
Podobny numer części - LCSP00SA20AC |
|
Podobny opis - LCSP00SA20AC |