Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD471A-Y Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części KSD471A-Y
Szczegółowy opis  NPN Silicon Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KSD471A-Y Arkusz danych(HTML) 1 Page - Micro Commercial Components

  KSD471A-Y Datasheet HTML 1Page - Micro Commercial Components KSD471A-Y Datasheet HTML 2Page - Micro Commercial Components KSD471A-Y Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSD471A-
Y
NPN Silicon
Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
1
A
PC
Collector power dissipation
800
mW
TJ
Junction Temperature
150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
40
---
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
30
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
5.0
---
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=30Vdc,IE=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio*
(IC=0.1Adc, VCE=1.0Vdc)
70
---
400
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1Adc, IB=0.1Adc)
---
---
0.5
Vdc
fT
Transition Frequency
(VCE=6Vdc, IC=10mAdc)
---
130
---
MHz
Cob
Collector Output Capacitance
(VCB=6Vdc, IE=0, f=1.0MHz)
---
16
---
pF
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TO-92
AE
B
C
D
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
CLASSIFICATION OF HFE
Rank
OY
G
Range
70-140
120-240
200-400

Collector Dissipation : IC = 1A

Collector Current : PC = 800mW
KSD471A-O
KSD471A-
G
Typ
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
E
B
C


Podobny numer części - KSD471A-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
KSD471A-TA DGNJDZ-KSD471A-TA Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Podobny opis - KSD471A-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com