Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD1616A-G Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części KSD1616A-G
Szczegółowy opis  NPN Silicon Epitaxial Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KSD1616A-G Arkusz danych(HTML) 1 Page - Micro Commercial Components

  KSD1616A-G Datasheet HTML 1Page - Micro Commercial Components KSD1616A-G Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KSD1616-Y/G/L
KSD1616A-Y/G
NPN Silicon
Epitaxial Transistors
Features
Audio frequency power amplifier & medium speed switching
VCEO
Collector-Emitter Voltage
KSD1616
KSD1616A
50
60
V
VCBO
Collector-Base Voltage
KSD1616
KSD1616A
60
120
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current (DC)
1.0
A
ICP
Collector Current (Pulse)
(1)
2.0
A
PC
Collector power dissipation
0.75
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector Cutoff Current
(VCB=60Vdc,IE=0)
---
---
100
nAdc
IEBO
Emitter-Base Cutoff Current
(VEB=6.0Vdc, IC=0)
---
---
100
nAdc
ON CHARACTERISTICS
hFE-1
DC Current Gain
(IC=100mAdc, VCE=2.0Vdc)
KSD1616
KSD1616A
135
135
---
---
600
400
---
hFE-2
DC Current Gain
(VCE=2.0Vdc, IC=1.0Adc)
81
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(2)
(IC=1.0Adc, IB=50mAdc)
---
0.15
0.3
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(2)
(IC=1.5Adc, IB=75mAdc)
---
0.9
1.2
Vdc
VBE(ON)
Base-Emitter On Voltage
(2)
(VCE=2.0Vdc, IC=50mAdc)
600
640
700
mVdc
fT
Current Gain Bandwidth Product
(IC=100mAdc, VCE=2.0Vdc)
100
160
---
MHz
Cob
Collector Output Capacitance
(VCE=10Vdc, IE=0, f=1.0MHz)
---
19
---
pF
TON
Turn On Time
---
0.07
---
us
tSTG
Storage Time
---
0.95
---
us
TF
Fall Time
VCC=10V,
IC=100mA,
IB1=IB2=10mA,
VBE(off)=-2~-3V
---
0.07
---
us
hFE ( 1) Classification
Classification
Y
G
L
hFE-1
135-270
200-400
300-600
(1) PW<10ms, Duty Cycle<50%
(2) Pulse Test: PW<350us, Duty Cycle<2% Pulsed
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Maximum Ratings
Symbol
Rating
Rating
Unit
TO-92
A
E
B
C
D
G
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
-------
12.70
--------
D
.016
.020
0.41
0.56
E
.135
.145
3.43
3.68
G
.095
.105
2.42
2.67
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Marking:D1616 X
DIMENSIONS
E
C
B


Podobny numer części - KSD1616A-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
KSD1616A-G MCC-KSD1616A-G Datasheet
275Kb / 2P
   NPN Silicon Epitaxial Transistors
More results

Podobny opis - KSD1616A-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
   NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
   NPN Epitaxial Silicon Transistors
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
   NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
   NPN Silicon Epitaxial Transistors
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com