Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21007BFB812Z Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL21007BFB812Z
Szczegółowy opis  Precision, Low Noise FGA??Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007BFB812Z Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL21007BFB812Z Datasheet HTML 2Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 3Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 4Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 5Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 6Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 7Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 8Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 9Page - Intersil Corporation ISL21007BFB812Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL21007
6
FN6326.8
July 14, 2011
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +165°C
50
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
50
ppm
NOTES:
7. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
8. Thermal Hysteresis is the change of VOUT measured at TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially at
TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference between
the initial VOUT reading and the second VOUT reading is then expressed in ppm. For Δ TA = +165°C, the device under test is cycled from +25°C to
+125°C to -40°C to +25°C.
9. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/
√(1kHrs).
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications (ISL21007-30, VOUT = 3.000V) VIN=5.0V,TA=-40°Cto+125°C,unlessotherwisespecified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT


Podobny numer części - ISL21007BFB812Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
logo
Renesas Technology Corp
ISL21007BFB812Z RENESAS-ISL21007BFB812Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

Podobny opis - ISL21007BFB812Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com