Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2857C1 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N2857C1
Szczegółowy opis  SILICON RF SMALL SIGNAL NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2857C1 Arkusz danych(HTML) 1 Page - Seme LAB

  2N2857C1_10 Datasheet HTML 1Page - Seme LAB 2N2857C1_10 Datasheet HTML 2Page - Seme LAB 2N2857C1_10 Datasheet HTML 3Page - Seme LAB 2N2857C1_10 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON RF SMALL SIGNAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 7726
Issue 2
Page 1 of 4
2N2857C1
High Current Gain-Bandwidth Product (fT)
Hermetic Ceramic Surface Mount Package
Designed For High Gain, Low Noise Amplifier,
Oscillator and Mixer Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
30V
VCEO
Collector – Emitter Voltage
15V
VEBO
Emitter – Base Voltage
3V
IC
Continuous Collector Current
40mA
PD
Total Power Dissipation at
TA = 25°C
200mW
Derate Above 25°C
1.14mW/°C
PD
Total Power Dissipation at
TC = 25°C
300mW
Derate Above 25°C
1.72mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES
Symbols
Parameters
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
875
°C/W
RθJC
Thermal Resistance, Junction To Case
583.3
°C/W


Podobny numer części - 2N2857C1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N2857C1B-JQRS SEME-LAB-2N2857C1B-JQRS Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.DA SEME-LAB-2N2857C1B-JQRS.DA Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.GCDE SEME-LAB-2N2857C1B-JQRS.GCDE Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.GCDM SEME-LAB-2N2857C1B-JQRS.GCDM Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.GRPC SEME-LAB-2N2857C1B-JQRS.GRPC Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
More results

Podobny opis - 2N2857C1_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N2857CSM SEME-LAB-2N2857CSM_10 Datasheet
581Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Micro Electronics
2N5179 MICRO-ELECTRONICS-2N5179 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL-SIGNAL TRANSISTOR
BC546 MICRO-ELECTRONICS-BC546 Datasheet
315Kb / 4P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
BF494 MICRO-ELECTRONICS-BF494 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1 Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
TT Electronics.
2N2857 TTELEC-2N2857 Datasheet
175Kb / 3P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Central Semiconductor C...
CP214 CENTRAL-CP214 Datasheet
193Kb / 2P
   Small Signal Transistor NPN - Silicon RF Transistor Chip
CP302 CENTRAL-CP302 Datasheet
450Kb / 2P
   Small Signal Transistor NPN - Silicon RF Transistor Chip
logo
New Jersey Semi-Conduct...
2N5031 NJSEMI-2N5031 Datasheet
135Kb / 1P
   NPN RF SMALL SIGNAL TRANSISTOR
logo
Seme LAB
BFR92 SEME-LAB-BFR92 Datasheet
484Kb / 4P
   SMALL SIGNAL NPN RF TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com