Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2857C1 Arkusz danych(PDF) 3 Page - Seme LAB

Numer części 2N2857C1
Szczegółowy opis  SILICON RF SMALL SIGNAL NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2857C1 Arkusz danych(HTML) 3 Page - Seme LAB

  2N2857C1 Datasheet HTML 1Page - Seme LAB 2N2857C1 Datasheet HTML 2Page - Seme LAB 2N2857C1 Datasheet HTML 3Page - Seme LAB 2N2857C1 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SILICON RF SMALL SIGNAL
NPN TRANSISTOR
2N2857C1
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 7726
Issue 2
Page 3 of 4
MECHANICAL DATA
Dimensions in mm (inches)
2
1
0.51 ± 0.10
(0.02 ± 0.004)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.40
(0.055)
max.
0.31
(0.012)
rad.
3
1.02 ± 0.10
(0.04 ± 0.004)
4
R0.31
(0.012)
See
Package
Variant
Table
C1
Underside View
PACKAGE VARIANT TABLE
Variant
Pad 1
Pad 2
Pad 3
Pad 4
C1A
Base
Emitter
Collector
No Pad (3-Pins Only)
C1B
Base
Emitter
Collector
Lid Contact *
* The additional contact provides a connection to the lid in the application. Connecting the metal lid to a known electrical potential stops deep
dielectric discharge in space applications; see the Space Weather link www.semelab.co.uk/mil/lcc1_4 on the Semelab web site. Package variant to
be specified at order.


Podobny numer części - 2N2857C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1 Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS SEME-LAB-2N2857C1B-JQRS Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.DA SEME-LAB-2N2857C1B-JQRS.DA Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.GCDE SEME-LAB-2N2857C1B-JQRS.GCDE Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
2N2857C1B-JQRS.GCDM SEME-LAB-2N2857C1B-JQRS.GCDM Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
More results

Podobny opis - 2N2857C1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N2857CSM SEME-LAB-2N2857CSM_10 Datasheet
581Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Micro Electronics
2N5179 MICRO-ELECTRONICS-2N5179 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL-SIGNAL TRANSISTOR
BC546 MICRO-ELECTRONICS-BC546 Datasheet
315Kb / 4P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
BF494 MICRO-ELECTRONICS-BF494 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL SIGNAL TRANSISTOR
logo
Seme LAB
2N2857C1 SEME-LAB-2N2857C1 Datasheet
206Kb / 4P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
TT Electronics.
2N2857 TTELEC-2N2857 Datasheet
175Kb / 3P
   SILICON RF SMALL SIGNAL NPN TRANSISTOR
logo
Central Semiconductor C...
CP214 CENTRAL-CP214 Datasheet
193Kb / 2P
   Small Signal Transistor NPN - Silicon RF Transistor Chip
CP302 CENTRAL-CP302 Datasheet
450Kb / 2P
   Small Signal Transistor NPN - Silicon RF Transistor Chip
logo
New Jersey Semi-Conduct...
2N5031 NJSEMI-2N5031 Datasheet
135Kb / 1P
   NPN RF SMALL SIGNAL TRANSISTOR
logo
Seme LAB
BFR92 SEME-LAB-BFR92 Datasheet
484Kb / 4P
   SMALL SIGNAL NPN RF TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com