Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13003CTB0G Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS13003CTB0G
Szczegółowy opis  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003CTB0G Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13003CTB0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003CTB0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003CTB0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003CTB0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003CTB0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13003CTB0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS13003
High Voltage NPN Transistor
1/6
Version: G11
TO-92
TO-126
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
1.5A
VCE(SAT)
1V @ IC =0.5A, IB =0.1A
Features
High Voltage
High Speed Switching
Block Diagram
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TS13003CT B0
TO-92
1Kpcs / Bulk
TS13003CT B0G
TO-92
1Kpcs / Bulk
TS13003CT A3
TO-92
2Kpcs / Ammo
TS13003CT A3G
TO-92
2Kpcs / Ammo
TS13003CK B0
TO-126
1Kpcs / Bulk
Note: “G” denote for Halogen free
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
1.5
A
Pulse
3
Total Power Dissipation @ Tc= 25
oC
TO-92
PTOT
1.5
W
TO-126
30
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Ambient Thermal Resistance
TO-92
JA
122
oC/W
TO-126
90
Pin Definition:
1. Emitter
2. Collector
3. Base


Podobny numer części - TS13003CTB0G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS13003CTB0G TSC-TS13003CTB0G Datasheet
157Kb / 5P
   High Voltage NPN Transistor
More results

Podobny opis - TS13003CTB0G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com