Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS39151CZ5C0 Arkusz danych(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Numer części TS39151CZ5C0
Szczegółowy opis  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39151CZ5C0 Arkusz danych(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39151CZ5C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS39151CZ5C0 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS39150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
11/12
Version: D07
TO-263-5L Mechanical Drawing
Marking Diagram
TS39151 / TS39152 / TS39153
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Output Voltage – TS39151 & TS39153 only
(18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
XXX = CM5 – TS39152 only
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071


Podobny numer części - TS39151CZ5C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS39151CZ5 TSC-TS39151CZ5 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
TS39151CZ5 TSC-TS39151CZ5 Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39151CZ505 TSC-TS39151CZ505 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
TS39151CZ51.8 TSC-TS39151CZ51.8 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
TS39151CZ518 TSC-TS39151CZ518 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS39151CZ5C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29150 TSC-TS29150_07 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com