Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5USBA224 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5USBA224
Szczegółowy opis  USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5USBA224 Arkusz danych(HTML) 1 Page - Texas Instruments

  TS5USBA224 Datasheet HTML 1Page - Texas Instruments TS5USBA224 Datasheet HTML 2Page - Texas Instruments TS5USBA224 Datasheet HTML 3Page - Texas Instruments TS5USBA224 Datasheet HTML 4Page - Texas Instruments TS5USBA224 Datasheet HTML 5Page - Texas Instruments TS5USBA224 Datasheet HTML 6Page - Texas Instruments TS5USBA224 Datasheet HTML 7Page - Texas Instruments TS5USBA224 Datasheet HTML 8Page - Texas Instruments TS5USBA224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
5
6
7
8
9
10
D+
L
GND
V
AUDIO
V
BUS
A
SEL
TS5USBA224
www.ti.com
SCDS306 – OCTOBER 2010
USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and
1.8-V Logic Compatibility
Check for Samples: TS5USBA224
1
FEATURES
APPLICATIONS
Cellular Phones
High-Speed USB Switch:
Personal Digital Assistants (PDAs)
4
Ω RDSON Typical
Portable Instrumentation
12.5 pF CON Typical
Digital Still Cameras
650-MHz Bandwidth (–3 dB)
Portable Navigation Devices
Audio Switch:
3
Ω RDSON Typical
RSW PACKAGE
(TOP VIEW)
Negative Rail Capability
Low THD: <0.05%
Internal Shunt Resistors for Click-and-Pop
Reduction
Powered From VAUDIO (2.7V to 5.5V)
1.8-V Compatible Control Input (ASEL and VBUS)
Threshold
IOFF Supports Partial Powerdown Mode
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
200-V Machine Model (A115-A)
DESCRIPTION
The TS5USBA224 is a double-pole, double throw (DPDT) multiplexer that includes a low-distortion audio switch
and a USB 2.0 High-Speed (480Mbps) switch in the same package. This configuration allows the system
designer to use a common connector for audio and USB data. The audio switch is designed to allow audio
signals to swing below ground which makes this common connector configuration possible.
The TS5USBA224 is powered up using VAUDIO. When ASEL=High, the audio path is selected regardless of the
logic level at VBUS. If ASEL=Low and VBUS=High, the USB path is selected. Otherwise if ASEL=Low and VBUS=Low,
the audio path is selected.
The TS5USBA224 also features shunt resistors on the audio path to reduce clicks and pops that may be heard
when the audio switches are selected.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN 0.4-MM PITCH – RSW
–40°C to 85°C
Tape and reel
TS5USBA224RSWR
A5R
(Pb-Free)
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TS5USBA224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

Podobny opis - TS5USBA224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
Fairchild Semiconductor
FSA801 FAIRCHILD-FSA801 Datasheet
581Kb / 12P
   USB2.0 High-Speed (480 Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com