Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5USBA224 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5USBA224
Szczegółowy opis  USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5USBA224 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TS5USBA224 Datasheet HTML 6Page - Texas Instruments TS5USBA224 Datasheet HTML 7Page - Texas Instruments TS5USBA224 Datasheet HTML 8Page - Texas Instruments TS5USBA224 Datasheet HTML 9Page - Texas Instruments TS5USBA224 Datasheet HTML 10Page - Texas Instruments TS5USBA224 Datasheet HTML 11Page - Texas Instruments TS5USBA224 Datasheet HTML 12Page - Texas Instruments TS5USBA224 Datasheet HTML 13Page - Texas Instruments TS5USBA224 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TS5USBA224
SCDS306 – OCTOBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 9. USB 2.0 Eye Pattern for USB Switch
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS5USBA224


Podobny numer części - TS5USBA224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

Podobny opis - TS5USBA224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
Fairchild Semiconductor
FSA801 FAIRCHILD-FSA801 Datasheet
581Kb / 12P
   USB2.0 High-Speed (480 Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com