Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM13307 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADM13307
Szczegółowy opis  Triple Processor Supervisors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM13307 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADM13307 Datasheet HTML 4Page - Analog Devices ADM13307 Datasheet HTML 5Page - Analog Devices ADM13307 Datasheet HTML 6Page - Analog Devices ADM13307 Datasheet HTML 7Page - Analog Devices ADM13307 Datasheet HTML 8Page - Analog Devices ADM13307 Datasheet HTML 9Page - Analog Devices ADM13307 Datasheet HTML 10Page - Analog Devices ADM13307 Datasheet HTML 11Page - Analog Devices ADM13307 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM13307
Rev. 0 | Page 10 of 12
THEORY OF OPERATION
The ADM13307 devices are triple voltage supervisors designed
to monitor up to three supplies and provide a reset signal to
DSP and microprocessor-based systems.
There are five models available, all of which feature a combina-
tion of internally pretrimmed undervoltage threshold options
for monitoring 1.8 V, 2.5 V, 3.3 V, and 5 V supplies. There are
also adjustable input options with threshold voltages of either
0.6 V or 1.25 V.
ADM13307-18, ADM13307-25, and ADM13307-33 models
have two internally fixed thresholds and one externally
programmable threshold, via a resistor string, while the
ADM13307-4 and ADM13307-5 offer one internally fixed
threshold and two externally programmable thresholds via a
resistor string. See the Ordering Guide for a list of all available
options.
INPUT CONFIGURATION
The ADM13307 is powered through VDD. To increase noise
immunity in noisy applications, place a 0.1 μF capacitor
between the VDD input and ground.
The SENSEv inputs are resistant to short power supply glitches.
Do not allow unused SENSEv inputs to float or to be grounded,
instead connect it to a supply voltage greater than its specified
threshold voltage.
Typically, the threshold voltage at an adjustable SENSEv input
is either 0.6 V or 1.25 V. Refer to the Ordering Guide for details.
For example, to monitor a voltage greater than 1.25 V, con-
nect a resistor divider network to the device as depicted in
Figure 13, where,
+
=
R2
R2
R1
V
MONITERED
V
25
.
1
R1
R2
MONITORED VOLTAGE
VREF = 1.25V
Figure 13. Setting the Adjustable Monitor
RESET OUTPUT
The reset outputs are guaranteed to be in the correct state for
VDD down to 1.1 V. During power up, RESET is asserted when
the supply voltage becomes greater than 1.1 V.
Once the supplies monitored at the SENSEv pins rise above their
associated threshold level, the RESET signal remains low for the
reset timeout period before deasserting. Subsequently, if a supply
monitored by the SENSEv pins falls below its associated thresh-
old, the RESET output reasserts.
SENSEv
V(NOM)
0
1
VIT–
RESET
td
td
t
t
Figure 14. Reset Timing Diagram
The ADM13307 features both an active-low push-pull RESET
output and active-high push-pull RESET output.
MANUAL RESET (MR)
The ADM13307 features a manual reset input, which when driven
low, asserts the reset output, as shown in Figure 15. When MR
transitions from low to high, the reset remains asserted for the
duration of the reset active timeout period before deasserting.
An external push-button switch can be connected between MR
and ground to allow the user to generate a reset.
0
1
RESET
td
t
0
1
t
MR
Figure 15. Manual Reset Timing Diagram


Podobny numer części - ADM13307

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM13307-18ARZ AD-ADM13307-18ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307-18ARZ-RL7 AD-ADM13307-18ARZ-RL7 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307-25ARZ AD-ADM13307-25ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307-25ARZ-RL7 AD-ADM13307-25ARZ-RL7 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307-33ARZ AD-ADM13307-33ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results

Podobny opis - ADM13307

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com