Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-E Arkusz danych(PDF) 10 Page - Cree, Inc

Numer części MC-E
Szczegółowy opis  Cree짰 XLamp짰 MC-E LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

MC-E Arkusz danych(HTML) 10 Page - Cree, Inc

Back Button MC-E Datasheet HTML 5Page - Cree, Inc MC-E Datasheet HTML 6Page - Cree, Inc MC-E Datasheet HTML 7Page - Cree, Inc MC-E Datasheet HTML 8Page - Cree, Inc MC-E Datasheet HTML 9Page - Cree, Inc MC-E Datasheet HTML 10Page - Cree, Inc MC-E Datasheet HTML 11Page - Cree, Inc MC-E Datasheet HTML 12Page - Cree, Inc MC-E Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
10
xlamp mC-e leds
notes
moisture sensitivity
XLamp mC-e LeDs are shipped in sealed, moisture-barrier bags (mBB) designed for long shelf life. If XLamp mC-e LeDs
are exposed to moist environments after opening the mBB packaging but before soldering, damage to the LeD may oc-
cur during the soldering operation. The following derating table defines the maximum exposure time (in days) for an
XLamp mC-e LeD in the listed humidity and tempera-
ture conditions. LeDs with exposure time longer than
the time specified below must be baked according to
the baking conditions listed here.
baking conditions
It is not necessary to bake all XLamp mC-e LeDs. only the LeDs that meet all of the following criteria must be baked:
LeDs that have been removed from the original mBB packaging
LeDs that have been exposed to a humid environment longer than listed in the moisture Sensitivity section above
LeDs that have not been soldered
LeDs should be baked at 80ºC for 24 hours. LeDs may be baked on the original reels. Remove LeDs from mBB packaging
before baking. Do not bake parts at temperatures higher than 80ºC. This baking operation resets the exposure time as
defined in the Moisture Sensitivity section above.
storage conditions
XLamp mC-e LeDs that have been removed from original mBB packaging but not soldered yet should be stored in a room
or cabinet that will maintain an atmosphere of 25 ±5ºC and no greater than 10% RH. For LeDs stored in these condi-
tions, storage time does not add to exposure time as defined in the above Moisture Sensitivity section.
rohs compliance
The levels of environmentally sensitive, persistent biologically toxic (pBT), persistent organic pollutants (pop), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with eU Directive 2002/95/
eC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through april 21, 2006.
vision advisory claim
waRNING. Do not look at exposed LeD lamps in operation. eye injury can result. For more information about LeDs and
eye safety, please refer to the Cree LeD eye Safety application Note (http://www.cree.com/products/pdf/XLamp_eye-
Safety.pdf).
temperature
maximum Percent relative humidity
30%
40%
50%
60%
70%
80%
90%
30ºC
9
5
4
3
1
1
1
25ºC
12
7
5
4
2
1
1
20ºC
17
9
7
6
2
2
1


Podobny numer części - MC-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
MC-01B KEMET-MC-01B Datasheet
72Kb / 1P
   KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Sumida Corporation
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
MC-100U SUMIDA-MC-100U Datasheet
117Kb / 1P
   General Power Transformer
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118BF1-ENY-A RENESAS-MC-10118BF1-ENY-A Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
More results

Podobny opis - MC-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com