Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-TDR013V1 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STEVAL-TDR013V1
Szczegółowy opis  Demonstration board using the PD84002 for UHF RFID reader
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR013V1 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STEVAL-TDR013V1
Typical performance
Doc ID 18013 Rev 1
5/16
4
Typical performance
Figure 2.
Output power and efficiency vs
frequency
7.2 V / 100 mA / Pin = 19 dBm
Figure 3.
Gain vs frequency
7.2 V / 100 mA / Pin = 19 dBm
Figure 4.
Gain vs Pout
7.2 V / 100 mA
Figure 5.
Harmonics vs frequency
7.2 V / 100 mA / Pin = 19 dBm
1.0
1.5
2.0
2.5
3.0
3.5
4.0
840
860
880
900
920
940
960
Freq (MHz)
20
30
40
50
60
70
80
Pout
Eff
8
10
12
14
16
18
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)
10
12
14
16
18
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Pout (W)
860 MHz
900 MHz
960 MHz
-80
-70
-60
-50
-40
-30
-20
-10
0
820
840
860
880
900
920
940
960
980
1000
Freq (MHz)
H2
H3


Podobny numer części - STEVAL-TDR013V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

Podobny opis - STEVAL-TDR013V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
   UHF RFID reader module
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
   ST25RU3993 RAIN짰 (UHF) RFID reader IC evaluation board
Rev 4 - October 2019
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
STEVAL-IPR001V1 STMICROELECTRONICS-STEVAL-IPR001V1 Datasheet
137Kb / 5P
   RFID reader evaluation board
November 2007 Rev 1
logo
rfsolutions.ltd
UNI_RS232_USB RFSOLUTIONS-UNI_RS232_USB Datasheet
448Kb / 9P
   The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
logo
STMicroelectronics
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
   Building an RFID short-range reader using the STM8S-DISCOVERY
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com