Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LZ34C10 Arkusz danych(PDF) 9 Page - Sharp Corporation

Numer części LZ34C10
Szczegółowy opis  1/4-type Color CMOS Image Sensor with 110 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHARP [Sharp Corporation]
Strona internetowa  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ34C10 Arkusz danych(HTML) 9 Page - Sharp Corporation

Back Button LZ34C10 Datasheet HTML 4Page - Sharp Corporation LZ34C10 Datasheet HTML 5Page - Sharp Corporation LZ34C10 Datasheet HTML 6Page - Sharp Corporation LZ34C10 Datasheet HTML 7Page - Sharp Corporation LZ34C10 Datasheet HTML 8Page - Sharp Corporation LZ34C10 Datasheet HTML 9Page - Sharp Corporation LZ34C10 Datasheet HTML 10Page - Sharp Corporation LZ34C10 Datasheet HTML 11Page - Sharp Corporation LZ34C10 Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LZ34C10
9
Setting of Auto Gain Control
• One LSB of the gain code represents approximately 0.078 dB.
• Nominal gain values at typical codes are shown below.
AUTO GAIN CONTROL
(dB)
D2
D3
D4
D5
D6
D7
D8
D9
0
L
LLLLLLL
1L
L
L
L
H
H
L
H
2L
L
L
H
H
L
H
L
3L
L
H
L
L
H
H
L
4
L
LH
HL
LH
H
5
L
H
L
LLLLL
6
L
HL
LH
HLH
7L
H
L
H
H
L
L
H
8
L
HH
L
L
HH
L
9L
H
H
H
L
L
H
H
10
H
L
LLLLLL
11
H
L
L
L
H
H
L
L
12
HL
LH
HL
LH
13
HLHL
LH
HL
14
H
L
HH
L
L
HH
15
H
L
HHHHHH
16
H
H
L
L
H
H
L
L
17
H
H
LH
HL
LH
18
H
H
H
L
L
H
H
L
19
HHHH
L
L
H
L
20
HHHHHHHH
Setting of Offset Level
• One LSB of the offset code represents approximately 0.002 V.
• Nominal offset values at typical codes are shown below.
OFFSET LEVEL (V)
D13
D14
D15
D16
D17
D18
D19
D20
0.9
L
LLLLLLL
1.0
L
LHLHLH
H
1.1
L
HLHLHLH
1.2
H
LLLLLLL
1.3
H
LHLHLHL
1.4
H
HLHLHLH
1.5
H
HHHHHHH


Podobny numer części - LZ34C10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
logo
VBsemi Electronics Co.,...
LZ34N VBSEMI-LZ34N Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Podobny opis - LZ34C10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
   1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
   1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ0P3817 SHARP-LZ0P3817 Datasheet
145Kb / 16P
   1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
   1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com