Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1240 Arkusz danych(PDF) 2 Page - Micro Commercial Components

Numer części SB1240
Szczegółowy opis  12 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB1240 Arkusz danych(HTML) 2 Page - Micro Commercial Components

  SB1240 Datasheet HTML 1Page - Micro Commercial Components SB1240 Datasheet HTML 2Page - Micro Commercial Components SB1240 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB1220~SB12100
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 3
FIG.1-TYPICAL FORWARD CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERANTING CURVE
50
12.0
10
.0
10
8.0
3.0
6.0
1.0
-0.1A
4.0
2.0
0
0.1
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE, C
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARD VOLTAGE,V
FIG.3-MAXIMUM NON-REPETIEIVE FORWARD
SURGE CURRENT
350
280
210
140
70
0
FIG..4-TYPICAL REVERSE CHARACTERISTICS
1
5
10
50
100
NUMBER OF CYCLES TA 60Hz
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
1400
1200
1.0
1000
800
600
.1
100
400
NUMBER OF CYCLES AT 60Hz
200
.01
0
0
20
40
60
80
100
120
140
.01
.05
.1
.5
1
5
10
50
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
REVERSE VOLTAGE, V
Tj=25
.
C
Pulse Width 300us
1% Duty Cycle
Tj=25
.
C
Tj=75
.
C
Tj=25
.
C
8.3msSingle Half
Sine Wave
JEDEC method
SB1220-40
SB1250-60
SB1220-40
SB1250-12100
SB1220-40
SB1250-100
SB1280-100
°


Podobny numer części - SB1240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SB1240 DIOTEC-SB1240 Datasheet
106Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1240 DIOTEC-SB1240 Datasheet
98Kb / 2P
   Schottky Barrier Rectifiers
logo
Semikron International
SB1240 SEMIKRON-SB1240 Datasheet
378Kb / 2P
   Schottky barrier rectifiers diodes
logo
GOOD-ARK Electronics
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Yangzhou yangjie electr...
SB1240 YANGJIE-SB1240 Datasheet
189Kb / 2P
   Schottky Diodes
More results

Podobny opis - SB1240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SB1220 MCC-SB1220_13 Datasheet
311Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
   20 Amp 20 to 100 Volts Barrier Rectifier Schottky
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com