Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL26134AVZ-T Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL26134AVZ-T
Szczegółowy opis  Low-Noise 24-bit Delta Sigma ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26134AVZ-T Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL26134AVZ-T Datasheet HTML 1Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 2Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 3Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 4Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 5Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 6Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 7Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 8Page - Intersil Corporation ISL26134AVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL26132, ISL26134
3
FN6954.1
September 9, 2011
Pin Descriptions
NAME
PIN NUMBER
ANALOG/DIGITAL
INPUT/OUTPUT
DESCRIPTION
ISL26132
ISL26134
DVDD
1
1
Digital
Digital Power Supply (2.7V to 5.25V)
DGND
2, 5, 6
2, 5, 6
Digital
Digital Ground
XTALIN/CLOCK
3
3
Digital/Digital Input
External Clock Input: typically 4.9152MHz. Tie low to activate
internal oscillator. Can also use external crystal across
XTALIN/CLOCK and XTALOUT pins.
XTALOUT
4
4
Digital
External Crystal connection
TEMP
7
-
Digital Input
On-chip Temperature Diode Enable
A1
A0
-
8
7
8
Digital Input
CAP
9, 10
9, 10
Analog
PGA Filter Capacitor
AIN1+
11
11
Analog Input
Positive Analog Input Channel 1
AIN1-
12
12
Analog Input
Negative Analog Input Channel 1
AIN3+
-
13
Analog Input
Positive Analog Input Channel 3
AIN3-
-
14
Analog Input
Negative Analog Input Channel 3
AIN4-
-
15
Analog Input
Negative Analog Input Channel 4
AIN4+
-
16
Analog Input
Positive Analog Input Channel 4
AIN2-
13
17
Analog Input
Negative Analog Input Channel 2
AIN2+
14
18
Analog Input
Positive Analog Input Channel 2
VREF-
15
19
Analog Input
Negative Reference Input
VREF+
16
20
Analog Input
Positive Reference Input
AGND
17
21
Analog
Analog Ground
AVDD
18
22
Analog
Analog Power Supply 4.75V to 5.25V
GAIN0
GAIN1
19
20
23
24
Digital Input
TABLE 2. INPUT MULTIPLEXER SELECT
ISL26134
ISL26132
A1
A0
CHANNEL
00
AIN1
01
AIN2
10
AIN3
11
AIN4
TABLE 3. GAIN SELECT
GAIN1
GAIN0
GAIN
001
012
10
64
11
128


Podobny numer części - ISL26134AVZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26134AVZ-T INTERSIL-ISL26134AVZ-T Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26134AVZ-T RENESAS-ISL26134AVZ-T Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26134AVZ-T7A INTERSIL-ISL26134AVZ-T7A Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26134AVZ-T7A RENESAS-ISL26134AVZ-T7A Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results

Podobny opis - ISL26134AVZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com