Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL23428WFRUZ-T7A Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL23428WFRUZ-T7A
Szczegółowy opis  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428WFRUZ-T7A Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL23428WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL23428
8
FN7904.0
August 25, 2011
tRO
SDO Output Rise Time
Rpu = 1.5k, Cbus = 30pF
60
ns
tFO
SDO Output Fall Time
Rpu = 1.5k, Cbus = 30pF
60
ns
tCS
CS Deselect Time
2
µs
NOTES:
7. Typical values are for TA = +25°C and 3.3V supply voltages.
8. LSB = [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the incremental
voltage when changing from one tap to an adjacent tap.
9. ZS error = V(RW)0/LSB.
10. FS error = [V(RW)127 – VCC]/LSB.
11. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127. i is the DCP register setting.
12. INL = [V(RW)i – i • LSB – V(RW)0]/LSB for i = 1 to 127
13.
for i = 8 to 127decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper voltage
and Min( ) is the minimum value of the wiper voltage over the temperature range.
14. MI = |RW127 – RW0|/127. MI is a minimum increment. RW127 and RW0 are the measured resistances for the DCP register set to 7F hex and 00
hex respectively.
15. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW127/MI, when measuring between RW and RH.
16. RDNL = (RWi – RWi-1)/MI -1, for i = 8 to 127.
17. RINL = [RWi – (MI • i) – RW0]/MI, for i = 8 to 127.
18.
for i = 8 to 127, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min( ) is the
minimum value of the resistance over the temperature range.
19. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
20. It is preferable to ramp up both the VLOGIC and the VCC supplies at the same time. If this is not possible it is recommended to ramp-up the VLOGIC
first followed by the VCC.
21. VMATCH = [V(RWx)i - V(RWy)i]/LSB, for i = 1 to 127, x = 0 to 1 and y = 0 to 1.
22. RMATCH = (RWi,x - RWi,y)/MI, for i = 1 to 127, x = 0 to 1 and y = 0 to 1.
Serial Interface Specification For SCK, SDI, SDO, CS Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 7)
MAX
(Note 19)
UNITS
TCV
Max V RW
i
 Min V RW
i

VRWi +25°C


------------------------------------------------------------------------------
106
+165°C
---------------------
=
TCR
Max Ri
 Min Ri


Ri +25°C

-------------------------------------------------------
10
6
+165°C
---------------------
=


Podobny numer części - ISL23428WFRUZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23428WFRUZ-T7A INTERSIL-ISL23428WFRUZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428WFRUZ-T7A RENESAS-ISL23428WFRUZ-T7A Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Podobny opis - ISL23428WFRUZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com