Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PQ20WZ51 Arkusz danych(PDF) 4 Page - Sharp Corporation

Numer części PQ20WZ51
Szczegółowy opis  Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHARP [Sharp Corporation]
Strona internetowa  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ20WZ51 Arkusz danych(HTML) 4 Page - Sharp Corporation

  PQ20WZ51 Datasheet HTML 1Page - Sharp Corporation PQ20WZ51 Datasheet HTML 2Page - Sharp Corporation PQ20WZ51 Datasheet HTML 3Page - Sharp Corporation PQ20WZ51 Datasheet HTML 4Page - Sharp Corporation PQ20WZ51 Datasheet HTML 5Page - Sharp Corporation PQ20WZ51 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ20WZ51/PQ20WZ11
Fig.11 Dropout Voltage vs. Junction
Temperature (PQ20WZ11)
Fig.12 Quiescent Current vs. Junction
Temperature
Fig.13 Ripple Rejection vs. Input Ripple
Frequency
Fig.14 Ripple Rejection vs. Output Current
(PQ20WZ51)
Fig.15 Ripple Rejection vs. Output Current
(PQ20WZ11)
Junction temperature Tj (˚C)
–25
0
25
50
75
100
125
0.11
0.1
0.12
0.13
0.14
0.15
0.16
0.17
0.18
VIN=3.135V, Vc=2.7V, R1=2k
Ω, R2=500Ω, IO=0.5A
Junction temperature Tj (˚C)
0
25
50
75
100
125
–25
0
1
2
3
4
5
VIN=5V
IO=0A
VC=2.7V
R1=2k
R2=500
Tj=25˚C
RR=20 log(ei(rms)/eo(rms))
IO=0.3A
ei(rms)=0.5V (sine wave)
VIN=5V
R1=2k
R2=0.5k
Input ripple frequency f (kHz)
0.1
1
10
100
45
40
50
55
60
65
70
75
80
PQ20WZ11
PQ20WZ51
Tj=25˚C
ei(rms)=0.5V
f=120Hz (sine wave)
VIN=5V
R1=2k
R2=0.5k
Output current IO (A)
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
45
40
50
55
60
65
70
75
80
Tj=25˚C
ei(rms)=0.5V
f=120Hz (sine wave)
VIN=5V
R1=2k
R2=0.5k
Output current IO (A)
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
45
40
50
55
60
65
70
75
80
Fig.16 Circuit Operating Current vs. Input
Voltage (PQ20WZ51)
01
2
3
45
6
20
15
10
5
0
Input voltage VIN (V)
RL =6.6
RL =11
RL =
∞Ω
Vc=2.7V,
R1=2k
Ω, R2=500Ω
(Vo=3.3V)


Podobny numer części - PQ20WZ51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results

Podobny opis - PQ20WZ51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
   Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
97Kb / 10P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com