Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8000E Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SI-8000E
Szczegółowy opis  Full-Mold, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000E Arkusz danych(HTML) 1 Page - Sanken electric

  SI-8000E_11 Datasheet HTML 1Page - Sanken electric SI-8000E_11 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
ICs
1-1-3 DC/DC Converter ICs
■Features
• Compact full-mold package (equivalent to
TO220)
• High efficiency: 80%
• Requires only 4 discrete components
• Internally-adjusted phase correction and output
voltage
• Built-in reference oscillator (60kHz)
• Built-in overcurrent and thermal protection
circuits
■Applications
• Power supplies for telecommunication
equipment
• Onboard local power supplies
■Lineup
Part Number
SI-8050E
VO(V)
5.0
IO(A)
0.6
■Electrical Characteristics
Unit
V
%
kHZ
mV
mV
mV/°C
A
Parameter
Output Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Temperature Coefficient of Output Voltage
Overcurrent Protection Starting
Current
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
IS1
Conditions
(Ta=25°C)
■Absolute Maximum Ratings
Unit
V
W
W
°C
°C
°C/W
°C/W
Ratings
43
14(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
+125
–40 to +125
7.0
66.7
Symbol
VIN
PD1
PD2
Tj
Tstg
θj-c
θj-a
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance(junction to case)
Thermal Resistance(junction to ambient air)
■Recommended Operating Conditions
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
IO
Tjop
Top
Unit
V
A
°C
°C
Ratings
SI-8050E
7 to 40
0 to 0.6
–30 to +125
–30 to +125
Ratings
SI-8050E
min.
typ.
max.
4.80
5.00
5.20
VIN=20V, IO=0.3A
80
VIN=20V, IO=0.3A
60
VIN=20V, IO=0.3A
80
100
VIN=10 to 30V, IO=0.3A
30
40
VIN=20V, IO=0.1 to 0.4A
±0.5
0.61
VIN=10V
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000E Series


Podobny numer części - SI-8000E_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000E SANKEN-SI-8000E_10 Datasheet
40Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results

Podobny opis - SI-8000E_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com