Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3517 Arkusz danych(PDF) 1 Page - Sharp Corporation

Numer części SM3517
Szczegółowy opis  4-Bit Single-Chip Microcomputer(For Data Bank Use)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHARP [Sharp Corporation]
Strona internetowa  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3517 Arkusz danych(HTML) 1 Page - Sharp Corporation

  SM3517 Datasheet HTML 1Page - Sharp Corporation SM3517 Datasheet HTML 2Page - Sharp Corporation SM3517 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
SM3517
DESCRIPTION
The SM3517 is a CMOS 4-bit single-chip micro-
computer for databank incorporating data memory
RAM, LCD driver, key/switch input circuit, 8-bit par-
allel I/O port, 2 output ports, external memory con-
trol circuit, and buzzer output circuit.
FEATURES
• ROM capacity :
Program ROM
8 k x 23 bits
Character ROM
5 x 9 x 128 bits
Constant ROM
208 x 4 bits
• RAM capacity :
Working RAM
256 x 4 bits
Display RAM
60 x 9 bits
Data RAM
2 k x 8 bits
• Memory expansion (external) : 32 k x 8 bits
• LCD display : 60-segment x 9-common
• I/O ports :
Parallel I/O
8 bits
Input
1 bit
Output
2 bits
Buzzer output
1 bit (4 kHz)
Key input
6 bits
• Standby release : 2 events (2 Hz signal, key input)
• Built-in oscillator :
• Instruction cycle time : 12 µs
• Operating temperature : –10 to +60°C
• Supply voltage : 2.5 to 3.4 V
• Package : 100-pin QFP (QFP100-P-1420)
[Test Sample only]
SM3517
4-Bit Single-Chip Microcomputer
(For Data Bank Use)
System clock (built-in CR oscillator) 250 kHz
Timer (built-in CR oscillator)
32.8 kHz
(external crystal)
32.768 kHz


Podobny numer części - SM3517

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SM3517 AUK-SM3517 Datasheet
198Kb / 3P
   LED Lamp
logo
KODENSHI_AUK CORP.
SM3517 KODENSHI-SM3517 Datasheet
257Kb / 3P
   LAMP LED
logo
AUK corp
SM3517B AUK-SM3517B Datasheet
198Kb / 3P
   LED Lamp
logo
KODENSHI_AUK CORP.
SM3517B KODENSHI-SM3517B Datasheet
260Kb / 3P
   LAMP LED
More results

Podobny opis - SM3517

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com