Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6006 Arkusz danych(PDF) 1 Page - Sharp Corporation

Numer części SM6006
Szczegółowy opis  16-Bit Single-Chip Microcomputers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHARP [Sharp Corporation]
Strona internetowa  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM6006 Arkusz danych(HTML) 1 Page - Sharp Corporation

  SM6006 Datasheet HTML 1Page - Sharp Corporation SM6006 Datasheet HTML 2Page - Sharp Corporation SM6006 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
PRODUCT INFORMATION
Integrated Circuits
Group
APPLICATIONS:
PDA
Digital Camera
The information for this document is from the Microcomputer Databook, issued in March 1997.
Copyright ©1998, Sharp Electronics Corp. All rights reserved. All tradenames are the registered property of their respective owners. Specifications are subject to change without notice.
SMT98023
SM6004/SM6006
16-Bit Single-Chip
Microcomputers
FEATURES
• ROM capacity:
– 61,440 × 8-bits (SM6004)
– 126,976 × 8-bits (SM6006)
• RAM capacity:
– 2,048 × 8-bits (SM6004)
– 3,584 × 8-bits (SM6006)
• External memory expansion function
– On chip bus controller for external memory
– Bus multiplexing/nonmultiplexing selection
– Bus width selection
– Auto wait control
• CPU
– General purpose registers 16-bit × 16
– 62 basic instructions (bit manipulation instructions
Suitable for controlling, bit transfer instructions, bit branch
instructions, high speed multiplication and division instruc-
tions (16-bits × 16-bits, 16-bits ÷ 16-bits, 32-bits ÷ 16-bits))
• 10 addressing modes
– 16M of address space
– An interrupt request starts a high performance automatic
data transfer (DTS). Appropriate settings of interrupts and
registers enable hardware automatic data transfer. Various
functions can be operated successively and the resultant data
can also successively be stored.
– System clock cycle 0.133 µs (MIN.)
(VDD = 4.5 V to 5.5 V at 30 MHz main clock cycle)
– 0.2 µs (MIN.)
(VDD = 2.5 V to 5.5 V at 20 MHz main clock cycle)
– Selectable system clocks divided by 2 up to 16 main clocks
for low power operation.
• 27 total software interrupts
– 24 maskable interrupts (external 4, internal 20)
– 3 nonmaskable interrupts
– A nonmaskable interrupt, when used in conjunction with
BST instruction, can trigger the software reset
• Built-in main clock oscillator for system clock
• Standby function: Halt mode/stop mode
• I/O ports × 88/specific purpose function pin × 3
– Input ports × 8 (also serve as A/D input)
– I/O ports × 80 (also serve as function pins)
– Specific purpose function pins × 3 (D/A output pin × 2, bus
mode selection pin × 1)
• Timer
– 16-bit multifunction timers × 6
– 5-stage capture and 2-stage compare type × 1
– 1-stage compare type × 2
– 2-stage capture type (or capture and compare) × 2
– 2-stage compare, PWM output type × 1
• Watchdog timer (overrun detect timer): 8-bit × 1
• Serial interface
– Selectable universal asynchronous receiver transmitter
(UART)/serial I/O interface (SIO) × 2
– Serial I/O interface (SIO) × 1
• A/D converter
– Resolution 10-bits
– 8 channels
– Auto start by triggering with timer output
• D/A converter 8-bit × 2
• High precision PWM outputs
– 14-bit × 2
– Bit modulated PWM
• Real time outputs 4-bit × 2
• Supply voltages
– 4.5 V to 5.5 V (main clock at 30 MHz)
– 2.5 V to 5.5 V (main clock at 20 MHz)
• Packages
– 100-pin LQFP (LQFP100-P-1414)
– 100-pin QFP (QFP100-P-1420)
DESCRIPTION
The SM6004/SM6006 are single-bit single-chip microcomputers
incorporating a 16-bit CPU core, ROM, RAM, timer unit, watchdog
timer, serial interface (UART, SIO), PWM output, real time output,
A/D converter, D/A converter and bus controller.


Podobny numer części - SM6006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
More results

Podobny opis - SM6006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD78P324 NEC-UPD78P324 Datasheet
545Kb / 80P
   16-/8-Bit Single-Chip Microcomputers
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
   8-BIT SINGLE CHIP MICROCOMPUTERS
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com