Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1086 Arkusz danych(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Numer części LM1086
Szczegółowy opis  1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1086 Arkusz danych(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  LM1086 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086
RIPPLE REJECTION
The ripple rejection values are measured with the adjustment pin bypassed. The impedance of the
adjust pin capacitor at the ripple frequency should be less than the value of R1 (normally 100Ω
to 120Ω) for a proper bypassing and ripple rejection approaching the values shown. The size of
the required adjust pin capacitor is a function of the input ripple frequency. If R1=100Ω at 120Hz
the adjust pin capacitor should be 25uF. At 10kHz only 0.22uF is needed.
The ripple rejection will be a function of output voltage, in circuits without an adjust pin bypass
capacitor. The output ripple will increase directly as a ratio of the output voltage to the reference
voltage (Vout/Vref)
OUTPUT VOLTAGE
The LM1086 series develops a 1.25V reference voltage
between the output and the adjust terminal. Placing a
resistor between these two terminals causes a constant
current to flow through R1 and down throuth R2 to set the
overall output voltage.
This current is normally the specified minium load current
of 10mA. Because IADJ is very small and constant it
represents a small error and it can usually be ignored.
LOAD REGULATION
True remote sheet specification it is not possible to
provide, because the LM1086 is a three terminal device.
The resistance of the wire connecting the regulator to the
load will limit the load regulation.
The data sheet specification for load regulation is measured
at the bottom of the package. Negative side sensing is a
true Kelvin connection, with the bottom of the output divider
returned to the negative side of the load.
The best load regulation is obtained when the top of the
resistor divider R1 is connected directly to the case not to
the load. If R1 were connected to the load, the effective
resistance between the regulator and the load would be:
[RPX(R2+R1)]/R1 , R P = Parasitic Line Resistance
Connected as shown Fig.3 RP is not multiplied by the divider ratio. Using 16-gauge wire the
parasitic line resistance is about 0.004Ω per foot, transllating to 4mV/ft at 1A load current.
HTC
- 7 -
LM1086
LM1086


Podobny numer części - LM1086

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

Podobny opis - LM1086

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com