Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1501BT-ADJ-5L Arkusz danych(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Numer części LM1501BT-ADJ-5L
Szczegółowy opis  5.0A, 300kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501BT-ADJ-5L Arkusz danych(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1501BT-ADJ-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0A, 300kHz, Step-down Switching Regulator
LM1501B
Mar. 2011 – Ver. 1.2
1
HTC
Absolute Maximum Ratings (TA = 25oC) (Note 1)
Characteristic
Symbol
Value
Unit
Maximum Input Supply Voltage
VI
45
V
ON/OFF Pin Input Voltage
VIN
-0.3
≤ V ≤ +25
V
Feedback Pin Voltage
VFB
-0.3
≤ V ≤ +25
V
Output Voltage to Ground
VO
-1
V
Power Dissipation
PD
Internally limited
W
Storage Temperature Range
Tstg
-65 to +150
oC
Operating Temperature Range
TJ
-40
≤ TJ ≤ +125
oC
ESD Susceptibility (Human Body Model)
VESD
2
kV
Operating Supply Voltage
VIN
4.5 to 45
V
Note 1. Absolute Maximum Rating indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
TO-263 PKG
TO-220 PKG
Ordering Information
Device
PKG
LM1501BR-X.X
TO-263 5L
LM1501BT-X.X
TO-220 5L
FEATURES
3.3V, 5V, 12V, and adjustable output versions
Adjustable version output voltage range, 1.23V to 37V
± 3% max over line and load conditions
Guaranteed 5A output load current
Input voltage range up to 40V
Requires only 4 external components
300kHz ±15% fixed frequency internal oscillator
Excellent line and load regulation specifications
Low power standby mode, IQ typically 80uA
Thermal shutdown and current limit protection
APPLICATION
Simple high-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
DESCRIPTION
X.X = Output Voltage = 3.3, 5.0, 12, ADJ
The LM1501B series of regulators are monolithic integrated circuits that provide all the active functions for a
step-down switching regulator, capable of driving a 5A load with excellent line and load regulation. These
devices are available in fixed output voltages of 3.3V, 5V, 12V and an adjustable output version. Requiring a
minimum number of external components, these regulators are simple to use. The LM1501B series operates at
a switching frequency of 300kHz. Available in standard 5-lead TO-263 and TO-220 packages.
Other features include a guaranteed ±3% tolerance on output voltage under specified input voltage and output
load conditions, and ± 15% on the oscillator frequency. External shutdown is included, featuring typically 80uA
standby current. Self protection features include a current limit for output switch and an over temperature
shutdown for complete protection under fault conditions. The over temperature shutdown level is about 145℃
with 5℃ hysteresis.


Podobny numer części - LM1501BT-ADJ-5L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
LM1501AR HTC-LM1501AR Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
More results

Podobny opis - LM1501BT-ADJ-5L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
Exar Corporation
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com