Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML-B Arkusz danych(PDF) 6 Page - Cree, Inc

Numer części ML-B
Szczegółowy opis  Cree짰 XLamp짰 ML-B LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

ML-B Arkusz danych(HTML) 6 Page - Cree, Inc

Back Button ML-B Datasheet HTML 2Page - Cree, Inc ML-B Datasheet HTML 3Page - Cree, Inc ML-B Datasheet HTML 4Page - Cree, Inc ML-B Datasheet HTML 5Page - Cree, Inc ML-B Datasheet HTML 6Page - Cree, Inc ML-B Datasheet HTML 7Page - Cree, Inc ML-B Datasheet HTML 8Page - Cree, Inc ML-B Datasheet HTML 9Page - Cree, Inc ML-B Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
XLAMP ML-B LEDS
REFLOW SOLDERING CHARACTERISTICS
In testing, Cree has found XLamp ML-B LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed
below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by the
manufacturer of solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Based Solder
Lead-Free Solder
Average Ramp-Up Rate (Ts
max to Tp)
3°C/second max.
3°C/second max.
Preheat: Temperature Min (Ts
min)
100°C
150°C
Preheat: Temperature Max (Ts
max)
150°C
200°C
Preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183°C
217°C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (Tp)
215°C
260°C
Time Within 5°C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6°C/second max.
6°C/second max
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Note: While the high reflow temperatures (above) have been approved, Cree’s best practice guideline for reflow is to use
as low a temperature as possible during the reflow soldering process for these LEDs.


Podobny numer części - ML-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
ML-0688 MURATA-ML-0688 Datasheet
180Kb / 7P
   This product specification is applied to fresnel lens
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100 ARIES-ML-100 Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
More results

Podobny opis - ML-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XM-L2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com