Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML-B Arkusz danych(PDF) 7 Page - Cree, Inc

Numer części ML-B
Szczegółowy opis  Cree짰 XLamp짰 ML-B LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

ML-B Arkusz danych(HTML) 7 Page - Cree, Inc

Back Button ML-B Datasheet HTML 2Page - Cree, Inc ML-B Datasheet HTML 3Page - Cree, Inc ML-B Datasheet HTML 4Page - Cree, Inc ML-B Datasheet HTML 5Page - Cree, Inc ML-B Datasheet HTML 6Page - Cree, Inc ML-B Datasheet HTML 7Page - Cree, Inc ML-B Datasheet HTML 8Page - Cree, Inc ML-B Datasheet HTML 9Page - Cree, Inc ML-B Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
XLAMP ML-B LEDS
NOTES
Lumen Maintenance Projections
Cree currently recommends a maximum drive current of 80 mA for XLamp ML-B white in designs seeking the ENERGY
STAR* 35,000 hour lifetime rating (≥ 94.1% luminous flux @ 6000 hours) or 25,000-hour lifetime rating (≥ 91.8%
luminous flux @ 6000 hours).
Please read the XLamp Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance
testing and forecasting. Please read the XLamp Thermal Management application note for details on how thermal design,
ambient temperature, and drive current affect the LED junction temperature.
* These lifetime ratings are based on the current ENERGY STAR Solid State Lighting Luminaires V1.1 (December 12,
2008) and ENERGY STAR Integral LED Lamps V1.0 (December 3, 2009) lumen maintenance criteria.
Moisture Sensitivity
In testing, Cree has found XLamp ML-B LEDs to have unlimited floor life in conditions ≤30ºC / 85% relative humidity
(RH). Moisture testing included a 168 hour soak at 85ºC / 85% RH followed by 3 reflow cycles, with visual and electrical
inspections at each stage.
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Podobny numer części - ML-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
ML-0688 MURATA-ML-0688 Datasheet
180Kb / 7P
   This product specification is applied to fresnel lens
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100 ARIES-ML-100 Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
More results

Podobny opis - ML-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XM-L2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com