Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100ES8014 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części MC100ES8014
Szczegółowy opis  Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES8014 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  MC100ES8014 Datasheet HTML 1Page - Integrated Device Technology MC100ES8014 Datasheet HTML 2Page - Integrated Device Technology MC100ES8014 Datasheet HTML 3Page - Integrated Device Technology MC100ES8014 Datasheet HTML 4Page - Integrated Device Technology MC100ES8014 Datasheet HTML 5Page - Integrated Device Technology MC100ES8014 Datasheet HTML 6Page - Integrated Device Technology MC100ES8014 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC100ES8014
TIMING SOLUTIONS
3
MOTOROLA
Table 5. DC Characteristics (VCC = 3.3V±5%; TJ = 0°C to 110°C)
1
1.
DC characteristics are design targets and pending characterization.
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
HSTL differential input signals (CLK0, CLK0)
VDIF
Differential input voltage2
2.
VDIF (DC) is the minimum differential HSTL input voltage swing required for device functionality.
0.2
V
VX, IN
Differential cross point voltage3
3.
VX (DC) is the crosspoint of the differential HSTL input signal. Functional operation is obtained when the crosspoint is within the VX (DC) range
and the input swing lies within the VPP (DC) specification.
0.25
0.68 – 0.9
VCC – 1.3
V
VIH
Input high voltage
VX + 0.1
V
VIL
Input low voltage
VX – 0.1
V
IIN
Input current
±150
mA
VIN = VX ± 0.1V
PECL differential input signals (CLK1, CLK1)
VPP
Differential input voltage4
4.
VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.15
1.0
V
Differential Operation
VCMR
Differential cross point voltage5
5.
VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
1.0
VCC – 0.6
V
Differential Operation
VIH
Input high voltage
VCC – 1.165
VCC – 0.880
V
VIL
Input low voltage
VCC – 1.810
VCC – 1.475
V
IIN
Input current
±150
mA
VIN = VIH or VIN
LVCMOS control inputs EN, CLK_SEL
VIL
Input low voltage
0.8
V
VIH
Input high voltage
2.0
V
IIN
Input current
±150
mA
VIN = VIH or VIN
HSTL clock outputs (Q[0:4], Q[0:4])
VX, OUT
Output differential crosspoint
0.68
0.75
0.9
V
VOH
Output high voltage
1
V
VOL
Ouput low voltage
0.4
V
Supply Current
ICC
Maximum Quiescent Supply Current without
output termination current
TBD
TBD
mA
VCC pin (core)
ICCO
Maximum Quiescent Supply Current, outputs
terminated 50
Ω to V
TT
TBD
TBD
mA
VCCO pin (outputs)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES8014
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
NETCOM
IDT™ Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES8014
3


Podobny numer części - MC100ES8014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111AC RENESAS-MC100ES8111AC Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111ACR2 RENESAS-MC100ES8111ACR2 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111FA RENESAS-MC100ES8111FA Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results

Podobny opis - MC100ES8014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL1510 CYPRESS-CY2DL1510 Datasheet
371Kb / 15P
   1:10 Differential LVDS Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Renesas Technology Corp
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210 Datasheet
121Kb / 8P
   Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer
February, 2000 ??Rev. 2
logo
Cypress Semiconductor
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com