Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS1608-222-RM Arkusz danych(PDF) 1 Page - ice Components, Ins.

Numer części LS1608-222-RM
Szczegółowy opis  Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ICE [ice Components, Ins.]
Strona internetowa  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS1608-222-RM Arkusz danych(HTML) 1 Page - ice Components, Ins.

  LS1608-222-RM Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
4.0 +/- 0.3
6.60 max
XXX
1.02 +/- 0.3
4.32 +/- 0.3
Features
Will Handle up to 3.0A
Suitable for Pick and Place
Withstands Solder Reflow
High Performance Shielded Design
Applications
Handheld and PDA Applications
DC/DC Converters
Output Power Chokes
Battery Powered or Low Voltage Applications
Packaging
Reel Diameter:
13"
Reel Width:
16mm
Pieces Per Reel: 2500
Mechanical
Electrical Specifications
LS1608-1R0-RM
LS1608-1R5-RM
LS1608-2R2-RM
LS1608-3R3-RM
LS1608-4R7-RM
LS1608-6R8-RM
LS1608-100-RM
LS1608-150-RM
LS1608-220-RM
LS1608-330-RM
LS1608-470-RM
LS1608-680-RM
LS1608-101-RM
LS1608-151-RM
LS1608-221-RM
LS1608-331-RM
LS1608-471-RM
LS1608-681-RM
LS1608-102-RM
LS1608-152-RM
LS1608-222-RM
LS1608-332-RM
LS1608-472-RM
LS1608-682-RM
LS1608-103-RM
Part
Number
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
Inductance1
(uH +/- 20%)
0.040
0.045
0.050
0.055
0.060
0.065
0.075
0.090
0.11
0.19
0.23
0.29
0.48
0.59
0.77
1.40
1.80
2.20
3.40
4.20
8.50
11.00
13.90
25.00
32.80
DCR max
(
Ω)
3.00
2.80
1.80
1.60
1.40
1.20
1.0
0.80
0.70
0.60
0.50
0.40
0.30
0.26
0.22
0.20
0.19
0.18
0.15
0.12
0.10
0.08
0.06
0.04
0.02
I
dc max
2
(A)
1. Tested @ 100kHz, 0.1Vrms.
2. The current at which the tem-
perature of the part increases
by 30ºC.
3. Operating temperature range:
-40ºC to +85ºC.
4. Electrical specifications at 25ºC.
5. Meets UL 94V-0.
TOP VIEW
1.40
4.06
3.56
LS1608 Series
Surface Mount Power Inductors
47
(04/08) LS-1


Podobny numer części - LS1608-222-RM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
LS1608-222-RM ICE-LS1608-222-RM Datasheet
540Kb / 1P
   Surface Mount Power Inductors
More results

Podobny opis - LS1608-222-RM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com