Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1008D750 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części DAC1008D750
Szczegółowy opis  Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D750 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  DAC1008D750_11 Datasheet HTML 1Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 2Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 3Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 4Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 5Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 6Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 7Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 8Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
1.
General description
The DAC1008D750 is a high-speed 10-bit dual channel Digital-to-Analog Converter
(DAC) with selectable 2
×, 4× or 8× interpolating filters optimized for multi-carrier WCDMA
transmitters.
Because of its digital on-chip modulation, the DAC1008D750 allows the complex pattern
provided through lane 0, lane 1, lane 2 and lane 3, to be converted up from baseband to
IF. The mixing frequency is adjusted via a Serial Peripheral Interface (SPI) with a 32-bit
Numerically Controlled Oscillator (NCO) and the phase is controlled by a 16-bit register.
The DAC1008D750 also includes a 2
×, 4× or 8× clock multiplier which provides the
appropriate internal clocks and an internal regulation to adjust the output full-scale
current.
The input data format is serial according to JESD204A specification. This new interface
has numerous advantages over the traditional parallel one: easy PCB layout, lower
radiated noise, lower pin count, self-synchronous link, skew compensation. The maximum
number of lanes of the DAC1008D750 is 4 and its maximum serial data rate is
3.125 Gbps.
The Multiple Device Synchronization (MDS) guarantees a maximum skew of one output
clock period between several DAC devices. MDS incorporates modes: Master/slave and
All slave mode.
2.
Features and benefits
DAC1008D750
Dual 10-bit DAC; up to 750 Msps; 2
×, 4× or 8× interpolating
with JESD204A interface
Rev. 2 — 5 January 2011
Product data sheet
Dual 10-bit resolution
IMD3: 80 dBc; fs = 737.28 Msps;
fo = 140 MHz
750 Msps maximum update rate
ACPR: 64 dBc; two carriers WCDMA;
fs = 737.28 Msps; fo =153.6 MHz
Selectable 2
×, 4× or 8× interpolation
filters
Typical 1.26 W power dissipation at 4
×
interpolation, PLL off and 740 Msps
Input data rate up to 312.5 Msps
Power-down mode and Sleep modes
Very low-noise cap-free integrated PLL
Differential scalable output current from
1.6 mA to 22 mA
32-bit programmable NCO frequency
On-chip 1.25 V reference
Four JESD204A serial input lanes
External analog offset control
(10-bit auxiliary DACs)
1.8 V and 3.3 V power supplies
Internal digital offset control
LVDS compatible clock inputs
Inverse (sin x) / x function


Podobny numer części - DAC1008D750_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1008D750HN NXP-DAC1008D750HN Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
logo
Renesas Technology Corp
DAC1008D750HN RENESAS-DAC1008D750HN Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Podobny opis - DAC1008D750_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com