Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1504 Arkusz danych(PDF) 8 Page - Gennum Corporation

Numer części GS1504
Szczegółowy opis  HDTV Adaptive Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1504 Arkusz danych(HTML) 8 Page - Gennum Corporation

Back Button GS1504_04 Datasheet HTML 4Page - Gennum Corporation GS1504_04 Datasheet HTML 5Page - Gennum Corporation GS1504_04 Datasheet HTML 6Page - Gennum Corporation GS1504_04 Datasheet HTML 7Page - Gennum Corporation GS1504_04 Datasheet HTML 8Page - Gennum Corporation GS1504_04 Datasheet HTML 9Page - Gennum Corporation GS1504_04 Datasheet HTML 10Page - Gennum Corporation GS1504_04 Datasheet HTML 11Page - Gennum Corporation GS1504_04 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
522 - 05 - 05
8 of 13
could be significantly less than the default signal detection
level set by the on chip reference.
The CD/Mute pin is a multi-function bidirectional pin that
provides the following functions:
Applying a HIGH INPUT to the CD/Mute pin forces the
GS1504 outputs to a muted condition. See the DC
electrical characteristics table for voltage level. In this
condition the outputs will be latched to the last logic
level present at the output.
Applying a LOW INPUT to the CD/Mute pin will force the
GS1504 outputs to remain active regardless of the
length of input cable and the voltage applied to the
MCLADJ pin. See the DC electrical characteristics table
for voltage level.
When used as an OUTPUT, the CD/Mute pin will provide
an indication of the output mute status. The CD/Mute pin
will be logic HIGH when the output is muted, and logic
LOW when the outputs are not muted.
TYPICAL APPLICATION CIRCUIT
CLI
VCC
VEE
SDI
SDI
VEE
MCLADJ
NC
CD/MUTE
VCC
VEE
SDO
SDO
VEE
NC
NC
VCC
VCC
10n
4µ7
4µ7
VCC
10n
VCC
100n
1n
10n
2k
10k
15k
10n
47p
47p
75
75
10nH
37.5
+
+
GS1504
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.
VCC
J3
2
1


Podobny numer części - GS1504_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1504-CKD GENNUM-GS1504-CKD Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1504-CTD GENNUM-GS1504-CTD Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
logo
Pan Jit International I...
GS1504FL PANJIT-GS1504FL Datasheet
84Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
GS1504FL DAESAN-GS1504FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1504FL-AU PANJIT-GS1504FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

Podobny opis - GS1504_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com