Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1504-CTD Arkusz danych(PDF) 9 Page - Gennum Corporation

Numer części GS1504-CTD
Szczegółowy opis  HDTV Adaptive Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1504-CTD Arkusz danych(HTML) 9 Page - Gennum Corporation

Back Button GS1504-CTD Datasheet HTML 5Page - Gennum Corporation GS1504-CTD Datasheet HTML 6Page - Gennum Corporation GS1504-CTD Datasheet HTML 7Page - Gennum Corporation GS1504-CTD Datasheet HTML 8Page - Gennum Corporation GS1504-CTD Datasheet HTML 9Page - Gennum Corporation GS1504-CTD Datasheet HTML 10Page - Gennum Corporation GS1504-CTD Datasheet HTML 11Page - Gennum Corporation GS1504-CTD Datasheet HTML 12Page - Gennum Corporation GS1504-CTD Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
522 - 05 - 05
9 of 13
APPLICATION INFORMATION
PCB LAYOUT
Special attention must be paid to component layout when
designing serial digital interfaces for HDTV. Figures 23
through 27 show the artwork for a four layer printed circuit
evaluation board for the GS1504. The schematic is shown in
Figure 22. An FR-4 dielectric can be used, however,
controlled impedance transmission lines are required for
PCB traces longer than approximately 1cm. Note the
following
PCB
artwork
features
used
to
optimize
performance:
PCB trace width for HD rate signals is closely matched
to SMT component width to minimize reflections due to
change in trace impedance.
The PCB ground plane is removed under the GS1504
input components to minimize parasitic capacitance.
The PCB ground plane is removed under the GS1504
output components to minimize parasitic capacitance.
High speed traces are curved to minimize impedance
changes.
A picture of the GS1504 PCB assembly is shown in Figure
28.
GS1504 EVALUATION BOARD
Fig. 22 GS1504 Application Schematic
CLI
VCC
VEE
SDI
SDI
VEE
MCLADJ
NC
CD/MUTE
VCC
VEE
SDO
SDO
VEE
NC
NC
VCC
VCC
10n
4.7µ
4.7µ
VCC
10n
VCC
10n
2k
10k
15k
10n
47p
47p
75
75
10nH
37
R1
L4
R4
J1
R2
C8
C7
C2
C1
C6
C5
J4
R5
R3
R6
TP1
J5
C3
C4
J2
J3
C10
100n
C9
1n
C11
C1, C2 must be tantalum
capacitors.
+
+
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.


Podobny numer części - GS1504-CTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1504-CTD GENNUM-GS1504-CTD Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
More results

Podobny opis - GS1504-CTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com