Zakładka z wyszukiwarką danych komponentów |
|
GS1528BCKAE3 Arkusz danych(PDF) 5 Page - Gennum Corporation |
|
GS1528BCKAE3 Arkusz danych(HTML) 5 Page - Gennum Corporation |
5 / 14 page GS1528B HD-LINX® II Multi-Rate Dual Slew-Rate Cable Driver Data Sheet 39623 - 4 August 2010 5 of 14 2.3 AC Electrical Characteristics Table 2-3 shows the AC electrical characteristics of the GS1528B where conditions are VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown. Table 2-3: AC Electrical Characteristics Parameter Symbol Conditions Min Typ Max Units Notes Serial input data rate DRSDO – – – 1.485 Gb/s 1 Additive jitter – 1.485Gb/s – 20 – psp-p – – 270Mb/s – 16 – psp-p – Rise/Fall time tr, tf SD/HD=0 – – 220 ps 2 tr, tf SD/HD=1 400 – 800 ps 2 Mismatch in rise/fall time tr, tf –– – 30 ps – Duty cycle distortion – SD/HD=0 – – 30 ps 3 – SD/HD=1 – – 100 ps 3 Overshoot – SD/HD=0 – – 10 % 3 – SD/HD=1 – – 8 % 3 Output Return Loss ORL – 15 20 – dB 4 Output Voltage Swing VOUT RSET = 750Ω 750 800 850 mVp-p 3 Input Voltage Swing VDDI Differential 300 – 2200 mVp-p – NOTES: 1. The input coupling capacitor must be set accordingly for lower data rates. 2. Rise/Fall time measured between 20% and 80%. 3. Single Ended into 75 Ω external load. 4. ORL depends on board design. The GS1528B achieves this specification on Gennum's evaluation boards. |
Podobny numer części - GS1528BCKAE3 |
|
Podobny opis - GS1528BCKAE3 |