Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1528ACKAE3 Arkusz danych(PDF) 5 Page - Gennum Corporation

Numer części GS1528ACKAE3
Szczegółowy opis  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528ACKAE3 Arkusz danych(HTML) 5 Page - Gennum Corporation

  GS1528ACKAE3 Datasheet HTML 1Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 2Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 3Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 4Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 5Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 6Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 7Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 8Page - Gennum Corporation GS1528ACKAE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
GS1528A/GS9068A HD-LINX® II Multi-Rate Dual
Slew-Rate Cable Driver
Data Sheet
30953 - 6
August 2010
5 of 18
Proprietary & Confidential
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
Table 2-1 lists the absolute maximum ratings for the GS1528A/GS9068A. Conditions
exceeding the limits listed may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above
those listed in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
2.2 DC Electrical Characteristics
Table 2-2 shows the DC electrical characteristics of the GS1528A and the GS9068A
where conditions are VDD = 3.3V, TA = 0°C to 70°C, unless otherwise specified.
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
2kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range0°C to 70°C
Solder Reflow Temperature
260°C
Power Dissipation
300mW
Table 2-2: DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Test
Levels
Supply VoltageVCC
3.135
3.3
3.465V
±5%
3
Power Consumption
PD
TA = 25°C
–168–
mW
5
Supply Current
Is
TA = 25°C
–51
64mA
1
Output VoltageVCMOUT
Common mode–
VCC - VOUT
–V
6
Input VoltageVCMIN
Common mode1.6 +
ΔVSDI/2
–VCC -
ΔVSDI/2
V–
6


Podobny numer części - GS1528ACKAE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1528ACKAE3 GENNUM-GS1528ACKAE3 Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

Podobny opis - GS1528ACKAE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com