Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2974ACNE3 Arkusz danych(PDF) 8 Page - Gennum Corporation

Numer części GS2974ACNE3
Szczegółowy opis  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACNE3 Arkusz danych(HTML) 8 Page - Gennum Corporation

Back Button GS2974ACNE3 Datasheet HTML 4Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 5Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 6Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 7Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 8Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 9Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 10Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 11Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
8 of 16
Test Circuit
Figure 2-1: Test Circuit
3. Input/Output Circuits
BERT Pattern
Generator
EXT.
CLOCK
CLOCK
OUT
DATA
OUT
EXT.
CLOCK
2.97GHz/1.485GHz/
270MHz
GS2974A
TEST BOARD
TDS 820
CH. 1
CH. 2
OUT
IN
OUT
EXT. TRIGGER
50/75
1694A CABLE
Figure 3-1: Input Equivalent Circuit
Figure 3-2: MCLADJ Equivalent Circuit
3k
3.6k
3k
3.6k
RC
SDI
SDI
VCC
MCLADJ
12.2k
150µ
+
-


Podobny numer części - GS2974ACNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2974ACNE3 SEMTECH-GS2974ACNE3 Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

Podobny opis - GS2974ACNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com