Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2974ACNE3 Arkusz danych(PDF) 11 Page - Gennum Corporation

Numer części GS2974ACNE3
Szczegółowy opis  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACNE3 Arkusz danych(HTML) 11 Page - Gennum Corporation

Back Button GS2974ACNE3 Datasheet HTML 7Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 8Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 9Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 10Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 11Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 12Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 13Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 14Page - Gennum Corporation GS2974ACNE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
11 of 16
does not solve this problem, since the signal to noise ratio on the circuit board could be
significantly less than the default signal detection level set by the on chip reference.
NOTE: MCLADJ is only recommended for data rates up to 360Mb/s. For data rates above
this, MCLADJ should be left floating.
4.4 Mute and Carrier Detect
The GS2974A includes a MUTE input pin that allows the application interface to mute the
serial digital output at any time. Set the MUTE pin HIGH to mute SDO and SDO. In this
case, the outputs will mute regardless of the setting of the BYPASS pin.
A Carrier Detect output pin (CD) indicates the presence of a valid signal at the input of
the GS2974A. When CD is LOW, the device has detected a valid input on SDI and SDI.
When CD is HIGH, the device has not detected a valid input.
NOTE: This pin may be connected directly to the CD pin to allow mute on loss of carrier.
NOTE: CD will only detect loss of carrier for data rates greater than 19Mb/s. The CD
output pin may be connected directly to the MUTE input pin to enable automatic muting
of the GS2974A when no valid input signal has been detected.
NOTE: If the maximum cable length is exceeded and the device is not in bypass mode
the GS2974A will not assert the CD pin even if a carrier is present.
Table 4-1: Mute Input Table
Mute
Function
0
SDO and SDO operate normally
1
SDO and SDO are forced to a steady
state
Table 4-2: CD Output Table
CD
Input Status
0
Valid Input on SDI, SDI pins
1
Input is not valid


Podobny numer części - GS2974ACNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2974ACNE3 SEMTECH-GS2974ACNE3 Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

Podobny opis - GS2974ACNE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com