Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2975ACNTE3Z Arkusz danych(PDF) 7 Page - Gennum Corporation

Numer części GS2975ACNTE3Z
Szczegółowy opis  HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2975ACNTE3Z Arkusz danych(HTML) 7 Page - Gennum Corporation

Back Button GS2975ACNTE3Z Datasheet HTML 3Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 4Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 5Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 6Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 7Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 8Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 9Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 10Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
GS2975A HD-LINX® III Multi-Rate SDI Automatic
Reclocker with Dual Differential Outputs
Data Sheet
41487 - 4
April 2009
7 of 27
36
DDO_MUTE
Logic Input
Mutes the DDO0 and/or RCO/DDO1 outputs.
37
DATA/CLOCK
Logic Input
Data/Clock select.
When set HIGH, the RCO/DDO1 pin will output a copy of the serial digital
output (DDO0).
When set LOW, the RCO/DDO1 pin will output a re-timed clock (RCO).
38, 40
RCO/DDO1,
RCO/DDO1
Output
Serial clock or secondary data output.
When RCO_MUTE is connected to VCC, the serial digital differential clock or
secondary data output will be presented.
39, 45
RSV
Reserved
Do not connect.
41
VCC_RCO
Power
Most positive power supply connection for the RCO/DDO1 and RCO/DDO1
output driver.
Connect to 3.3V.
42
VEE_RCO
Power
Most negative power supply connection for the RCO/DDO1 and RCO/DDO1
output driver.
Connect to GND.
44, 46
DDO0, DDO0
Output
Differential Serial Digital Outputs.
47
VCC_DDO
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V.
48
VEE_DDO
Power
Most negative power supply connection for the DDO0/DDO0 output driver.
Connect to GND.
50, 51
XTAL_OUT+,
XTAL_OUT-
Output
Differential outputs of the reference oscillator used for monitoring or test
purposes.
52, 53
XTAL+, XTAL-
Input
Reference crystal input. Connect to the GO1535 as shown in the Typical
Application Circuit on page 22.
54 - 59
NC
No Connect
Not connected internally.
60
VEE_CP
Power
Most negative power supply connection for the internal charge pump.
Connect to GND.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description
DDO_MUTE
RCO_MUTE
DATA/CLOCK
DDO0
RCO/DDO1
11
0
DATA
CLOCK
1
1
1
DATA
DATA
01
0
MUTE
CLOCK
0
1
1
MUTE
MUTE
10
X
DATA
Power down
00
X
MUTE
Power down
NOTE:
MUTE = Outputs latched at previous data bit.
Power down = Outputs pulled to Vcc through 50Ω resistor.


Podobny numer części - GS2975ACNTE3Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
More results

Podobny opis - GS2975ACNTE3Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com