Zakładka z wyszukiwarką danych komponentów |
|
TL2285OA Arkusz danych(PDF) 1 Page - E-SWITCH |
|
TL2285OA Arkusz danych(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY TL2285OA 3:1 1/31/2011 P010450 D BGL 1 1 4 5 6 1 2 3 PCB LAYOUT 1 2 3 1 2 3 6 5 4 36 8.00 [.315 in] o 4.00 [.157 in] o 2.00 [.079 in] 3.00 [.118 in] 5.50 [.217 in] 8.00 [.315 in] 3.50 [.138 in] 2.50 [.098 in] .60 [.024 in] .30 [.012 in] 6.00 [.236 in] NOTES: 1. ALL DIMENSIONS IN mm [INCHES] 2. GENERAL TOLERANCE: x.x= ±0.4 x.xx=±.25 3. TERM. NOS. FOR REF. ONLY 4. RATING: 0.1A; 30V 5. CONTACT RESISTANCE: 100 mILLI-OHMS MAX. 6. TIMING: NON-SHORTING 7. TRAVEL: FULL 2.5mm 8. OPERATING FORCE:180 ± 50gf 9. ELECTRICAL LIFE: 10,000 CYCLES MAKE AND BREAK CYCLES AT FULL LOAD 10. DENOTE CRITICAL PARAMETER CIRCUIT DIAGRAM PUSH 5 46 2 3 1 POS. 1 POS. 2 SWITCH FUNCTION (ON) ON 3-1, 4-6 3-2, 4-5 (ON) = MOMENTARY n.80 [.031 in] 6.00 [.236 in] 2.50 [.098 in] 2.50 [.098 in] 17.00 [.669 in] LOCKING RECESSED LOCATION TO IDENTIFY TREMINALS # 3, 6 C 19639 DRAWING UPDATE 2/1/11 BGL D 19713 CORRECTED SWITCH FUNC. TERMINALS 2/24/11 BGL D |
Podobny numer części - TL2285OA |
|
Podobny opis - TL2285OA |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |