Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-44828-001 Arkusz danych(PDF) 8 Page - Molex Electronics Ltd.

Numer części SD-44828-001
Szczegółowy opis  0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-44828-001 Arkusz danych(HTML) 8 Page - Molex Electronics Ltd.

Back Button SD-44828-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 9Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 10Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 11Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2008-0962
B
DATE:
2007/10/30
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
8 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-44828-001
M. Simmel / D. Morgan
B. Barker
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
4.3
Clearances Between Mated Parts
The HandyLink connectors are designed such that the corresponding ‘front’ faces fully engage and then spring back 0.20mm to the
final mated condition. This ‘over-travel clearance’ assures that the components of the passive latching system engage. Please see
Section 6.4 Design Best Practices for further detailed information.
5.0 SOLDERING PROCESS RECOMMENDATIONS
5.1 44828 SMT Receptacle Connector
5.1.1
PCB Layout
See the applicable Sales Drawing for an illustration of the recommended PCB layout. Contact Molex if further assistance is required.
5.1.2
Solder Paste Stencil Layout
See Sales Drawing for solderable surfaces. Contact Molex if further assistance is required.
5.1.3
Reflow Profile
While the production solder reflow profile is typically established by the customer, based on their specific application, generic reflow
profiles can be found in Product Specification PS-44828-001. The profiles are provided for reference purposes only.
5.1.4
Inspection
Solder joints should be inspected using established conventional methods.
5.2 45560 SMT Cradle Connector
5.2.1
PCB Layout
See the applicable Sales Drawings for illustrations of the recommended PCB pad layouts. Contact Molex if further assistance is
required.
5.2.2
Solder Paste Stencil Layout
See Sales Drawing for recommended PCB pad layout and solder paste thickness.


Podobny numer części - SD-44828-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 5 Circuits
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 15 Circuits
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 4 Circuits
More results

Podobny opis - SD-44828-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
455600160 MOLEX-455600160 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com