Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LDV-185-700A Arkusz danych(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Numer części LDV-185-700A
Szczegółowy opis  185W Multiple Channel Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDV-185-700A Arkusz danych(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LDV-185-700A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDV-185-700A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDV-185-700A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC1minute
I/P-O/P:100MOhms/500VDC/25
/70%RH
IP67
54~63V
41~50V
47~50V
47~50V
54~63V
41~50V
147W
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
3. Please do not exceed the rated power when choosing channel quantity and voltage range(350C/700C model).
4. Efficiency is measured under 230VAC input with Pout>120W and each output channel connecting with the same quantity of LEDs(similar Vf sum).
5. DC output voltage is measured between LED«~
L
E
D
-.
6
.T
h
ep
o
w
e
rs
u
p
p
ly
is
c
o
n
s
id
e
re
da
s
ac
o
m
p
o
n
e
n
tt
h
a
tw
illb
eo
p
e
ra
te
di
nc
o
m
b
in
a
tio
nw
ithf
in
a
le
q
u
ip
m
e
n
t.S
in
c
eE
M
C
p
e
rfo
rm
a
n
c
ew
illb
ea
ffe
c
te
db
y
th
e
c
o
m
p
le
tei
n
s
ta
lla
tio
n
,t
h
ef
in
a
le
q
u
ip
m
e
n
tm
a
n
u
fa
c
tu
re
rs
m
u
s
tr
e
-q
u
a
lify
E
M
C
D
ire
c
tiv
eo
nt
h
ec
o
m
p
le
tei
n
s
ta
lla
tio
na
g
a
in
.
SPECIFICATION
LDV-185-350A
SETUP,RISETIME
Note2.
HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
Note4.
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
EMCEMISSION
EMCIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
OVERVOLTAGE
OVERTEMPERATURE
2500ms,50ms
10ms/230VAC
180~295VAC
47~63Hz
PF>0.95/230VACPF>0.92/277VACatfullload(pleasereferto PowerFactorCharacteristic Curve)
“
”
COLDSTART 60A/230VAC
<0.75mA /240VAC
IP67approved;DesignrefertoEN61347-1,EN61347-2-13,UL8750
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
-30~+70
Referto
eratingcurve ),
(
-40
canpoweron
“
”
D
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
198.2Khrsmin.MIL-HDBK-217F(25
)
222.2*90*38.8mm(L*W*H)
Features :
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
SHORTCIRCUIT
CompliancetoEN55015,EN61000-3-2ClassC( 75%load);EN61000-3-3
OUTPUT
RATEDPOWER(max.) Note3.
NOTE
PACKING
1.27Kg;12pcs/16.2Kg/1.02CUFT
40~48V
185W
30~35V
35~40V
147W
88%
1.5A/230VAC1.0A/277VAC
168W
L D V- 1 8 5 series
185WMultipleChannelOutputSwitchingPowerSupply
MAXCHANNEL
Note3
35~40V
40~48V
30~35V
6CH
185W
MODEL
180~295VAC input range
Multiple channel with constant current output
Meet 4KV surge immunity level(EN61000-4-5)
Protections: Short circuit / Over voltage / Over temperature
Built-in active PFC function
Cooling by free air convection
IP67 design for indoor or outdoor installations
Optional timer dimming function
High efficiency up to 88%
-40
can power on
Suitable for LED lighting and moving sign applications
3 years warranty
DCVOLTAGERANGE Note5.
350mA
168W
FileName:LDV-185-SPEC2011-12-06
CONSTANTCURRENT ACCURACY
5%
SINGELECHANNEL
RATEDCURRENT
12CH
Channelshutdownwheneachchannelfault, re-powerontorecovery
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
LDV-185-350B
LDV-185-350C
LDV-185-700A
LDV-185-700B
LDV-185-700C
6CH
6CH
12CH
12CH
700mA
700mA
700mA
350mA
350mA
OTP DIMMING
WhentheNTC(RTH3)temperatureishigherthan90
10
PSUwillenterdimmingmodewithdecreasingoutputcurrent
LDV-185-350A
Blank : IP67 rated. No timer dimming function.
D(option): IP67 rated. Built-in timer dimming function,contact MEAN WELL for details.


Podobny numer części - LDV-185-700A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
LDV-185-700A MEANWELL-LDV-185-700A Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-700A MEANWELL-LDV-185-700A Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
More results

Podobny opis - LDV-185-700A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
LDV-185 MEANWELL-LDV-185 Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com