Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD1-2D00-031 Arkusz danych(PDF) 1 Page - Magnetrol International, Inc.

Numer części TD1-2D00-031
Szczegółowy opis  Thermal Dispersion Flow/Level/Interface Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAGNETROL [Magnetrol International, Inc.]
Strona internetowa  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-031 Arkusz danych(HTML) 1 Page - Magnetrol International, Inc.

  TD1-2D00-031 Datasheet HTML 1Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 2Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Thermatel
® Model TD1/TD2
Thermal Dispersion
Flow/Level/Interface Switch
The Thermatel® TD1 and TD2 switches utilize the
Magnetrol® proven thermal dispersion technology. The
sensor consists of two RTD elements. One is the refer-
ence and the second is heated to a temperature above
the process temperature. The electronics detect the
temperature difference between the two elements. The
temperature difference is greatest in air, then decreases
when cooling occurs due to a change in media. An
increase in the flow rate further decreases the tempera-
ture difference.
The set point is adjusted for the switch to alarm at the
desired temperature difference. Once the set point is
reached, the relay will change state.
TD1 and TD2 Thermal Dispersion flow/level/interface
switches provide a new level of performance and
reliability not found in previous switches. Continuous
diagnostics with fault indication, temperature compen-
sation, narrow hysteresis and fast response time make
the TD1/TD2 the latest in thermal dispersion switch
technology.
TD1 is a basic switch with 24 VDC power and an 8-amp
DPDT relay. The TD2 adds LED indication through a
glass window, ability to electrically measure the set
point, mA output for diagnostics and trending, optional
hermetically sealed relay, plus time delay. A universal
AC power supply simplifies installation.
Thermatel® probes are available in 316 Stainless Steel,
Hastelloy® C, or Monel® with all welded construction.
• Temperature compensated to provide repeatable
alarm under varying process temperatures
• Continuous diagnostics detect sensor fault
• Non-linear mA output signal can be used for trend-
ing, diagnostics and repeatable flow/level indication
(TD2)
• Detects minimum flow or presence/absence of flow
• Easy/fast calibration
• Excellent low flow sensitivity
• Optional hot tap available (see bulletin 41-103)
• Hygienic design available
• NACE construction available (consult factory)
• Process temperatures from -100° to +400° F (-73° to
+204° C)—High temp. version to +850° F (+454° C)
D E S C R I P T I O N
T E C H N O L O G Y
F E A T U R E S
Model TD2
with low flow body
Model TD2
with spherical probe
Model TD1
with twin-tip probe
Model TD2
with hygienic stainless steel enclosure
& spherical tip probe


Podobny numer części - TD1-2D00-031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

Podobny opis - TD1-2D00-031

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Magnetrol International...
960-58A0-030 MAGNETROL-960-58A0-030 Datasheet
414Kb / 16P
   Actuator- Sensor-Interface (AS-Interface짰) Ultrasonic Level Switch
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com