Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD2-7H01-074 Arkusz danych(PDF) 4 Page - Magnetrol International, Inc.

Numer części TD2-7H01-074
Szczegółowy opis  Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAGNETROL [Magnetrol International, Inc.]
Strona internetowa  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD2-7H01-074 Arkusz danych(HTML) 4 Page - Magnetrol International, Inc.

  TD2-7H01-074 Datasheet HTML 1Page - Magnetrol International, Inc. TD2-7H01-074 Datasheet HTML 2Page - Magnetrol International, Inc. TD2-7H01-074 Datasheet HTML 3Page - Magnetrol International, Inc. TD2-7H01-074 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BULLETIN: 54-160.0
EFFECTIVE: November 2007
The quality assurance system in place at
Magnetrol guarantees the highest level of
quality throughout the company. Magnetrol
is committed to providing full customer
satisfaction both in quality products and
quality service.
The Magnetrol quality assurance system is
registered to ISO 9001 affirming its com-
mitment to known international quality
standards providing the strongest assurance
of product/service quality available.
All Magnetrol electronic level and flow
controls are warranted free of defects in
materials or workmanship for one full year
from the date of original factory shipment.
If returned within the warranty period;
and, upon factory inspection of the control,
the cause of the claim is determined to be
covered under the warranty; then, Magnetrol
will repair or replace the control at no cost
to the purchaser (or owner) other than
transportation.
Magnetrol shall not be liable for misapplica-
tion, labor claims, direct or consequential
damage or expense arising from the instal-
lation or use of equipment. There are no
other warranties expressed or implied,
except special written warranties covering
some Magnetrol products.
5300 Belmont Road • Downers Grove, Illinois 60515-4499 • 630-969-4000 • Fax 630-969-9489 • www.magnetrol.com
145 Jardin Drive, Units 1 & 2 • Concord, Ontario Canada L4K 1X7 • 905-738-9600 • Fax 905-738-1306
Heikensstraat 6 • B 9240 Zele, Belgium • 052 45.11.11 • Fax 052 45.09.93
Regent Business Ctr., Jubilee Rd. • Burgess Hill, Sussex RH15 9TL U.K. • 01444-871313 • Fax 01444-871317
Copyright © 2011 Magnetrol International, Incorporated. All rights reserved. Printed in the USA.
Performance specifications are effective with date of issue and are subject to change without notice.
For additional information, see Instruction Manual 54-610.
Q U A L I T Y
W A R R A N T Y
Magnetrol, Magnetrol logotype and Thermatel are registered trademarks of Magnetrol International.
Hastelloy® is a registered trademark of Haynes International, Inc.
Monel® and Inconel® are registered trademarks of Special Metals Corporation
Tri-Clamp® is a registered trademark of Ladish Co.
Varivent® is a registered trademark of Tuchenhagen GmbH LTD


Podobny numer części - TD2-7H01-074

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Magnetrol International...
TD2-7D00-072 MAGNETROL-TD2-7D00-072 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

Podobny opis - TD2-7H01-074

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
Lapp.
53105110 LAPP-53105110 Datasheet
164Kb / 2P
   SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Magnetrol International...
960-20A0-010 MAGNETROL-960-20A0-010 Datasheet
238Kb / 8P
   Echotel짰 Models 960/961 Ultrasonic Level Switches for Hygienic Applications
logo
Lapp.
54114100 LAPP-54114100 Datasheet
312Kb / 2P
   SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
logo
Schneider Electric
9600A SCHNEIDER-9600A Datasheet
116Kb / 2P
   EHEDG, 3A certified and FDA conformed megnetic flow tube for hygienic operation
Apr 26, 2022
logo
Lapp.
55510700 LAPP-55510700 Datasheet
97Kb / 2P
   SILVYN® HYGIENIC
03.07.2018
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com