Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1823 Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LA1823
Szczegółowy opis  Single-Chip Tuner ICs for Use in Radio Cassette Recorder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1823 Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LA1823_06 Datasheet HTML 4Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 5Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 6Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 7Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 8Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 9Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 10Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 11Page - Sanyo Semicon Device LA1823_06 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LA1823, LA1823M
No.6854-9/12
Continued from preceding page.
Quiescent
voltage (V)
Pin
number
Function
AM
FM
Remarks
Equivalent circuit
8
Stereo indicator,
AM-oscillator
buffer output
4.5
4.5
Active-low
Open-collector output
AM oscillator signal is output in AM mode
9
AM-MIX output
4.5
4.5
Connect the AM mixer coil between this pin
and pin 4 (VCC1)
10
FM-IF input
1.2
1.2
Rin = 330
11
AM-IF input
1.2
1.2
Rin = 2k
12
AM-AGC output
and FM signal
meter output
0.4
0.1
Internal load resistance
R = 16.6k
13
FM-DET
3.9
3.7
Recommended ceramic discriminator :
CDF107F-AE-029 (Toko)
CDA10.7MG1-A (Murata, tentative)
Continued on next page.
12
R
10
2
Rin
9
4
8
11
2
Rin
13


Podobny numer części - LA1823_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results

Podobny opis - LA1823_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
   AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com