Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1823M Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LA1823M
Szczegółowy opis  Single-Chip Tuner ICs for Use in Radio Cassette Recorder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1823M Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LA1823M Datasheet HTML 4Page - Sanyo Semicon Device LA1823M Datasheet HTML 5Page - Sanyo Semicon Device LA1823M Datasheet HTML 6Page - Sanyo Semicon Device LA1823M Datasheet HTML 7Page - Sanyo Semicon Device LA1823M Datasheet HTML 8Page - Sanyo Semicon Device LA1823M Datasheet HTML 9Page - Sanyo Semicon Device LA1823M Datasheet HTML 10Page - Sanyo Semicon Device LA1823M Datasheet HTML 11Page - Sanyo Semicon Device LA1823M Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LA1823, LA1823M
No.6854-10/12
Continued from preceding page.
Quiescent
voltage (V)
Pin
number
Function
AM
FM
Remarks
Equivalent circuit
14
Pilot detector filter
(forced monaural
mode)
2.9
3.8
Forced monaural mode when pin 14 is
connected to ground
15
Phase comparator
filter
(AM/FM switch)
0
3.8
FM mode is when pin 15 is open, and AM
mode is when pin 15 is connected to ground
16
17
L output
R output
1.2
1.2
Rout = 7.5k
18
MPX input
1.2
1.2
Rin = 50k
19
AM/FM detector
output
0.3
1.0
Output impedance
AM : Rout = 50k
FM : Rout = 500
The channel separation can be adjusted with
an external capacitor connected between
this pin and ground
20
FM-OSC
4.5
4.4
Connect the FM oscillator coil between this
pin and pin 21 (VCC2)
Continued on next page.
19
18
16
17
14
15
Rin
Rout (FM)
Rout (AM)
Rout
21
20


Podobny numer części - LA1823M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results

Podobny opis - LA1823M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
   AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com