Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1837 Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LA1837
Szczegółowy opis  For Home Stereo IC with Electronic Tuning Support Single-Chip IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1837 Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

  LA1837_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1837_09 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LA1837
12
30
0
5.0
10
10.60 10.62 10.64 10.66 10.68 10.70 10.72 10.74 10.76 10.78
2
10
20
30
40
35 7 0.1
23
5 7 1.0
22
35 7 10
10.80
0.01
3
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1.0
--80
--70
--60
--50
--40
--30
--20
--10
0
Overall FM Characteristics
--90
1.0
2.0
3.0
4.0
0.01
10
0
10
20
30
40
50
60
70
80
90
100
110
50
60
70
80
90
100 110
120
Input -- dB
μ
FM THD/VSM Characteristics
Distortion vs. Frequency Characteristics
0
1
2
3
4
5
0
120
Input -- dB
μ
Frequency, freq -- kHz
Frequency fc -- MHz
FM THD Band Characteristics
VCC = 9V
fc = 10.7MHz
fm = 1kHz, 75kHzdev
Out
VSM
No.5688-7/9
AM Out
Noise
VCC = 9V
fc = 10.7MHz
fm = 1kHz, 75kHzdev
THD
VIN = 100dBμ
fm = 1kHz, 75kHzdev
0
5
10
15
20
25
30
35
40
45
50
--90
--80
--70
--60
--50
--40
--30
--20
--10
0
0.01
0.1
23
5 7
1.0
23
5 7
10
2
3
5 7
90
110
130
150
170
190
210
2
Frequency, freq -- kHz
--6
--4
--2
0
2
4
6
0
10
20
30
40
50
60
70
80
90
10
20
30
2
12
14
46
8
10
40
Pilot -- mV
016
Rsdadj -- k
Ω
70
230
Frequency, fs -- kHz
Separation vs. Frequency Characteristics
Adjacent Channel Interference Rejection Ratio
Capture Range Characteristics
SD Sensitivity Adjustment Characteristics
IF = 10.7MHz, 100dB
μ, 75kHzdev
VS = 90%
PILOT = 10%
Referenced to the L-R
demodulated output.
Sep-R
Sep-L
LA1836
LA1837
CR+
CR-
FM
AM
FM
AM


Podobny numer części - LA1837_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M Datasheet
124Kb / 9P
   LA1837M
LA1837M SANYO-LA1837M Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results

Podobny opis - LA1837_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com