Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1837M Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA1837M
Szczegółowy opis  Single-Chip AM/FM Tuner IC for Home Stereo Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1837M Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA1837M Datasheet HTML 1Page - Sanyo Semicon Device LA1837M Datasheet HTML 2Page - Sanyo Semicon Device LA1837M Datasheet HTML 3Page - Sanyo Semicon Device LA1837M Datasheet HTML 4Page - Sanyo Semicon Device LA1837M Datasheet HTML 5Page - Sanyo Semicon Device LA1837M Datasheet HTML 6Page - Sanyo Semicon Device LA1837M Datasheet HTML 7Page - Sanyo Semicon Device LA1837M Datasheet HTML 8Page - Sanyo Semicon Device LA1837M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA1837M
No.8271-5/9
Continued from preceding page.
Pin No.
Pin
Pin
voltage
Equivalent circuit
Pin function
10
AM narrow band
ceramic filter
connection
1.3V
Recommended narrow band ceramic filter
BFU450C4N (Murata Mfg. Co., Ltd.)
When the narrow band SD function is not used, bypass this circuit
by connecting a 50
Ω resistor and a 0.047µF capacitor in series.
11
FM S-meter
output
0V
RL = 8kΩ
12
AM S-meter
output,
AM SD
sensitivity
adjustment
0V (AM)
The AM SD sensitivity can be adjusted with an external resistor
between this pin and ground.
13
AM/FM IF buffer
output,
Output control
switch (muting
switch)
0V
V13
≤ 0.5V: Reception state
1.4V
≤ V13 ≤ 2.2V: IF buffer output on
V13
≥ 3.5V: IF buffer output and muting on
14
Phase
comparator
low-pass filter
(FM/AM
switching)
VCC-1.4
(FM)
0V (AM)
The IC switches to AM mode when this pin is connected to
ground through a resistor.
Resistor value limits: 2.7k
Ω (when VCC = 7V)
3.9k
Ω (8V) 5.1kΩ (9V)
6.2k
Ω (10V) 7.5kΩ (11V)
15
Pilot detector
low-pass filter
(Forced
monaural)
(VCO stop)
VCC-1.0
When a current of over 50µA is sourced by this pin, the IC
switches to forced monaural mode.
The VCO is stopped if this pin is connected to ground.
The resistor value limits are the same as for pin 14.
16
17
18
19
Post amplifier
I/O
Verg
Verg
Output impedance ro = 200Ω
Pin 16: right output, pin 17: left output
Inverting input pins
Pin 18: right input, pin 19: left input
RNF = 33kΩ
20
21
Multiplex output
3.5V
3.5V
Output impedance ro = 3.3kΩ
Pin 20: Right channel deemphasis
Pin 21: Left channel deemphasis
22
Multiplex input
2.9V
Input impedance ri = 20kΩ
23
FM
demodulated
output
2.8V (FM)
2.8V (AM)
Output impedance ro = 3.0kΩ
The separation can be adjusted with an external capacitor
connected between this pin and ground.
The VOsub/VOmain ratio is set to be approximately 0dB.
Continued on next page.


Podobny numer części - LA1837M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1837M SANYO-LA1837M Datasheet
124Kb / 9P
   LA1837M
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
More results

Podobny opis - LA1837M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LV23411V SANYO-LV23411V Datasheet
169Kb / 23P
   For Home Stereo Systems FM/AM Tuner IC
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
Mitsumi Electronics, Co...
FAE381-A07 MITSUMI-FAE381-A07 Datasheet
106Kb / 2P
   Compact, AM/FM Electronic Tuner for Popular Class Home Stereo
logo
Sanyo Semicon Device
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
logo
Sony Corporation
ST-H300 SONY-ST-H300 Datasheet
10Mb / 12P
   FM stereo, FM/AM superheterodyne tuner
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com