Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU1008 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części BU1008
Szczegółowy opis  Enhanced PowerBridge Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1008 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  BU1008 Datasheet HTML 1Page - Vishay Siliconix BU1008 Datasheet HTML 2Page - Vishay Siliconix BU1008 Datasheet HTML 3Page - Vishay Siliconix BU1008 Datasheet HTML 4Page - Vishay Siliconix BU1008 Datasheet HTML 5Page - Vishay Siliconix BU1008 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
New Product
BU1006 thru BU1010
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 89295
Revision: 15-Mar-11
4
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
+
-
~~
Case Type BU
0.880 (22.3)
0.860 (21.8)
0.160 (4.1)
0.140 (3.5)
0.075
(1.9) R
0.125 (3.2) x 45°
Chamfer
0.080 (2.03)
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
0.190 (4.83)
0.210 (5.33)
0.080 (2.03)
0.065 (1.65)
0.100 (2.54)
0.085 (2.16)
0.085 (2.16)
0.065 (1.65)
0.310 (7.9)
0.290 (7.4)
0.020R (TYP.)
Polarity shown on front side of case, positive lead beveled corner
0.64 (16.28) REF.
0.62 (15.78) REF.
0.055 (1.385) REF.
R 0.10
(2.60) REF.
R 0.11
(2.78) REF.
0.094 (2.39) x 45° REF.
0.055 (1.385) REF.
0.161 (4.10)
0.142 (3.60)
0.710 (18.0)
0.690 (17.5)
0.028 (0.72)
0.020 (0.52)
0.740 (18.8)
0.720 (18.3)
View A
0.048 (1.23)
0.039 (1.00)
TYP.
TYP.


Podobny numer części - BU1008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BU1008 VISHAY-BU1008 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1008-E3 VISHAY-BU1008-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1008-E3/45 VISHAY-BU1008-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1008-E3/51 VISHAY-BU1008-E3/51 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1008-M3 VISHAY-BU1008-M3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 27-Jun-13
More results

Podobny opis - BU1008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2506 VISHAY-BU2506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB4006 VISHAY-PB4006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
   Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com