Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2506 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części BU2506
Szczegółowy opis  Enhanced PowerBridge Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU2506 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  BU2506 Datasheet HTML 1Page - Vishay Siliconix BU2506 Datasheet HTML 2Page - Vishay Siliconix BU2506 Datasheet HTML 3Page - Vishay Siliconix BU2506 Datasheet HTML 4Page - Vishay Siliconix BU2506 Datasheet HTML 5Page - Vishay Siliconix BU2506 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
New Product
BU2506 thru BU2510
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 89299
Revision: 15-Mar-11
2
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage per diode (1)
IF = 12.5 A
TA = 25 °C
TA = 125 °C
VF
0.97
0.87
1.05
0.95
V
Maximum reverse current per diode
rated VR
TA = 25 °C
TA = 125 °C
IR
-
120
5.0
350
µA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
125
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU2506
BU2508
BU2510
UNIT
Typical thermal resistance
RJC
(1)
RJA
(2)
2.0
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BU2506-M3/45
4.84
45
20
Tube
BU2506-M3/51
4.84
51
250
Paper tray
BU25065S-M3/45
4.84
45
20
Tube
Figure 1. Derating Curve Output Rectified Current
0
40
80
160
0
5
15
20
25
30
Case Temperature (°C)
10
20
60
120
T
C
T
C
With Heatsink
Sine-Wave, R-Load
T
C Measured at Device Bottom
100
140
Figure 2. Forward Current Derating Curve
0
1
2
3
5
Ambient Temperature (°C)
0
50
25
75
100
125
150
4
Without Heatsink
Sine-Wave, R-Load
Free Air, T
A


Podobny numer części - BU2506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BU2506 PHILIPS-BU2506 Datasheet
66Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2506 PHILIPS-BU2506 Datasheet
68Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 2.400
logo
Vishay Siliconix
BU2506 VISHAY-BU2506 Datasheet
107Kb / 6P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 23-Apr-13
BU2506 VISHAY-BU2506 Datasheet
154Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU2506-E3 VISHAY-BU2506-E3 Datasheet
115Kb / 6P
   Thin single in-line package
Revision: 16-Aug-13
More results

Podobny opis - BU2506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
PB5006 VISHAY-PB5006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3506 VISHAY-PB3506 Datasheet
94Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU2006 VISHAY-BU2006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006 VISHAY-BU1006 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1006A VISHAY-BU1006A_11 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB3006 VISHAY-PB3006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
PB4006 VISHAY-PB4006 Datasheet
93Kb / 5P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
logo
Rectron Semiconductor
RBUH2506M RECTRON-RBUH2506M Datasheet
261Kb / 6P
   Enhanced PowerBRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com