Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY228 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BY228
Szczegółowy opis  Standard Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY228 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BY228_10 Datasheet HTML 1Page - Vishay Siliconix BY228_10 Datasheet HTML 2Page - Vishay Siliconix BY228_10 Datasheet HTML 3Page - Vishay Siliconix BY228_10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 86003
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.7, 09-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
141
Standard Avalanche Sinterglass Diode
BY228
Vishay Semiconductors
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
APPLICATIONS
• High voltage rectification
• Efficiency diode in horizontal deflection circuit
949588
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BY228
VR = 1500 V; IFAV = 3 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
See electrical characteristics
VR
1500
V
Repetitive peak reverse voltage
lR = 100 μA
VRRM
1650
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Average forward current
IFAV
3A
Junction temperature
Tj
140
°C
Storage temperature range
Tstg
- 55 to + 175
°C
Non repetitive reverse avalanche energy
l(BR)R = 0.4 A
ER
10
mJ
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
On PC board with spacing 25 mm
RthJA
70
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX
UNIT
Forward voltage
IF = 5 A
VF
--
1.5
V
Reverse current
VR = 1500 V
IR
-2
5
μA
VR = 1500 V, Tj = 140 °C
IR
-
-
140
μA
Total reverse recovery time
IF = 1 A, - dIF/dt = 0.05 A/μs
trr
-
-
20
μs
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
--
2
μs


Podobny numer części - BY228_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY228-13 VISHAY-BY228-13 Datasheet
103Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
BY228-13 VISHAY-BY228-13 Datasheet
123Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 21-Feb-18
BY228-13 VISHAY-BY228-13 Datasheet
124Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BY228-13 VISHAY-BY228-13_10 Datasheet
103Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results

Podobny opis - BY228_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com